Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-DX05 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HLMA-DX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-DX05 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1-50
0.89 (0.035)
0.64 (0.025)
0.45 (0.018)
SQUARE
NOMIMAL
5.08 (0.200)
4.57 (0.180)
9.19 (0.362)
8.43 (0.332)
25.40
(1.00)
MIN.
1.27( 0.050) NOM.
CATHODE
6.10 (0.240)
5.59 (0.220)
2.54 (0.100) NOM.
CATHODE
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND ABOUT
1 mm (0.040") DOWN THE LEADS.
Package Dimensions
3.18 (0.125)
2.67 (0.105)
24.13
(0.95)
MIN.
1.27
(0.050)
NOM.
1.02
(0.040)
6.35 (0.250)
5.58 (0.220)
0.45
(0.018)
SQUARE NOMINAL
CATHODE
2.54
(0.100)
NOM.
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
ANODE
3.18 (0.125)
2.67 (0.105)
24.13
(0.95)
MIN.
1.27
(0.050)
NOM.
1.02
(0.040)
6.35 (0.250)
5.58 (0.220)
0.45
(0.018)
SQUARE
NOMINAL
ANODE
2.54
(0.100)
NOM.
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
CATHODE
A
B
C
HLMA-DL05/DH05/Kl05/KH05 AlInGaP Lamps
Absolute Maximum Ratings at TA = 25°C
HLMA-
HLMA-
HLMA-
HLMA-
Parameter
DL05
DH05
KL05
KH05
Units
DC Forward Current[1,3,4]
50
50
50
50
mA
Peak Forward Current[2]
200
200
200
200
mA
Average Input Power[2]
103
103
103
103
mW
Reverse Voltage (IR = 100 µA)
55
55
V
Operating Temperature Range
-40 to
-40 to
-40 to
-40 to
°C
+100
+100
+100
+100
Storage Temperature Range
-55 to
-55 to
-55 to
-55 to
°C
+100
+100
+100
+100
Junction Temperature
110
°C
Soldering Temperature
260
°C for 5 second
[1.59 mm (0.06 in.) below seating plane]
Notes:
1. Derate linearly as shown in Figure 4.
2. Any pulsed operation cannot exceed the Absolute Max Peak Forward current as specified in Figure 5.
3. Drive currents between 10 mA and 30 mA are recommended for best long term performance.
4. Operation at currents below 10 mA is not recommended, please contact your Hewlett-Packard sales representative.
capable of producing high light
output over the wide range of
drive currents from 500
µA to
50 mA. The color is deep red at a
dominant wavelength of 644 nm.
TS AlGaAs is a flip-chip LED
technology, die attached to the
anode lead and wire bonded to
the cathode lead. Available view-
ing angles are 25
°, 40°, and 55°.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn