Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-DX05 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. HLMA-DX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-DX05 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1-55
Figure 15. Spatial Radiation Pattern for 25
° HLMP-D120 Lamp.
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
100° 90°
0.1
0.3
0.4
80° 70° 60° 50° 40°
20° 10°
30°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
0.9
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
100° 90°
0.1
0.3
0.4
80° 70° 60° 50° 40°
20° 10°
30°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
0.9
1.0
0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
100° 90°
0.1
0.3
0.4
80° 70° 60° 50° 40°
20° 10°
30°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
0.9
Figure 16. Spatial Radiation Pattern for 55
° HLMP-J100-J150 Lamps.
Figure 14. Spatial Radiation Pattern for 40
° HLMP-D115 Lamp.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn