Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-DX05 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HLMA-DX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-DX05 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1-54
600
1000
10-3
WAVELENGTH – nm
700
500
10-2
10-1
1.0
Figure 8. Relative Intensity vs.
Wavelength.
1.0
3.5
300
20
1
VF – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
200
100
50
10
5
2
0.5
0
2
0.5
0.01
IF – DC FORWARD CURRENT – mA
510
20
50
2.4
2.0
1.0
0.2
0.1
0.05
1
0.5
Figure 9. Forward Current vs.
Forward Voltage.
Figure 10. Relative Luminous Intensity
vs. DC Forward Current.
5
300
0.0
IPEAK – PEAK FORWARD CURRENT – mA
10
20
50
100
2
1
200
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Figure 11. Relative Efficiency vs. Peak
Forward Current.
Figure 12. Maximum Forward Current
vs. Ambient Temperature. Derating
Based on TJ Max = 110°C.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θ
JA = 400° C/W
R
θ
JA = 550° C/W
50
0
IPEAK – PEAK FORWARD CURRENT – mA
150
250
50
40
30
20
10
100
200
300
f > 1000 Hz
f > 300 Hz
f > 100 Hz
Figure 13. Maximum Average Current
vs. Peak Forward Current.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn