Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1-38
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. THE LEADS ARE MILD STEEL, SOLDER DIPPED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT 1 MM (0.040")
DOWN THE LEADS, UNLESS OTHERWISE NOTED.
Package Dimensions
0.89 (0.035)
0.64 (0.025)
6.10 (0.240)
5.59 (0.220)
5.08 (0.200)
4.57 (0.180)
25.40
(1.00)
MIN.
0.102 (0.004)
MAX. TYP.
1.27
(0.050)
NOM.
9.19 (0.362)
8.43 (0.332)
2.54
(0.100)
NOM.
0.46
(0.018)
SQUARE
NOMIMAL
NOTES
CATHODE
LEAD
NOTE 1
A
B
3.18 (0.125)
2.67 (0.105)
25.40
(1.00)
MIN.
1.27
(0.050)
NOM.
1.02
(0.040)
6.35 (0.250)
5.58 (0.220)
0.45
(0.018)
SQUARE NOMINAL
CATHODE
2.54
(0.100)
NOM.
NOM.
4.70 (0.185)
4.19 (0.165)
3.43 (0.135)
2.92 (0.115)
C
0.89 (0.035)
0.64 (0.025)
6.10 (0.240)
5.59 (0.220)
5.08 (0.200)
4.57 (0.180)
23.0
(0.90)
MIN.
1.65 (0.065)
1.35 (0.053)
1.27
(0.050)
NOM.
9.19 (0.362)
8.43 (0.332)
2.54
(0.100)
NOM.
0.64
(0.025)
SQUARE
NOMIMAL
CATHODE
LEAD
12.70 (0.500)
11.94 (0.470)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn