Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1-37
H
Description
These untinted, non-diffused, solid
state lamps utilize the latest
absorbing/transparent substrate
aluminum indium gallium phos-
phide (AS/TS AlInGaP) LED tech-
nology. These materials have a very
high luminous efficiency, capable
of producing high light output over
a wide range of drive currents. In
addition, these LED lamps are at
wavelengths ranging from amber
to reddish orange and at viewing
angles ranging from 7 to 45
degrees.
Features
• Outstanding LED Material
Efficiency
• High Light Output over a
Wide Range of Currents
• Low Electrical Power
Dissipation
• CMOS/MOS Compatible
• Colors: 590/592 nm Amber,
615/617 nm and 622 nm
Reddish-Orange
• Variety of Packages Available
Applications
• Outdoor Message Boards
• Safety Lighting Equipment
• Signaling Applications
• Emitter for Emitter/
Detector Applications
• Changeable Message Signs
• Portable Equipment
• Medical Equipment
• Automotive Lighting
• Alternative to Incandescent
Lamps
SunPower Series
HLMA-CX00 Series
HLMA-DX00 Series
HLMA-KX00 Series
HLMT-CX00 Series
HLMT-DX00 Series
T-13/4 (5 mm), T-1 (3 mm), High
Performance AlInGaP LED
Lamps
Technical Data
5963-2323E


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn