Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1-43
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
20°
16°
12°
12°
16°
20°
θ – ANGULAR DISPLACEMENT – DEGREES
18°
14°
10°
10°
14°
18°
Figure 6. Normalized Luminous Intensity vs. Angular Displacement,
HLMT-CH00/CL00.
θ – ANGULAR DISPLACEMENT – DEGREES
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100° 90° 80° 70° 60° 50° 40° 30° 20° 10°
10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
Figure 8. Normalized Luminous Intensity vs. Angular
Displacement, HLMA-KH00/-KL00.
Figure 7. Normalized Luminous Intensity vs. Angular Displacement,
HLMA-DG00/-DH00/-DL00.
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
20 18
10
30
40
16 14 12 10
8
4
2
0
6
2
4
6
8
10 12141618 20
90


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn