Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1-42
Figure 2b. Forward Current vs.
Forward Voltage, TS-AlInGaP.
Figure 3. Relative Luminous Intensity
vs. Forward Current. Derating Based
on T
JMAX.
Figure 4a. Maximum DC Current vs.
Ambient Temperature for AS T-13/4
Lamps. Derating Based on
T
JMAX = 130°C.
TA – AMBIENT TEMPERATURE – °C
0
0
R
θ
= 585 °C/W
J-A
R
θ
= 780 °C/W
J-A
10
20
30
40
50
20
40
60
80
100
120
140
60
TA – AMBIENT TEMPERATURE – °C
0
0
R
θ
= 566 °C/W
J-A
R
θ
= 600 °C/W
J-A
10
20
30
40
50
20
40
60
80
100
120
140
60
Figure 1. Relative Intensity vs. Wavelength.
WAVELENGTH
550
600
700
650
AMBER
1.0
0.5
0
REDDISH-ORANGE
594
621
630
Figure 2a. Forward Current vs.
Forward Voltage, AS-AlInGaP.
1.0
0
VF – FORWARD VOLTAGE – V
2.5
200
120
80
1.5
2.0
160
3.0
40
20
60
100
140
180
1.5
0
VF – FORWARD VOLTAGE – V
3.0
100
60
40
2.0
2.5
80
3.5
20
10
30
50
70
90
20
TA – AMBIENT TEMPERATURE – °C
5
15
35
050
30
45
10
0
50
10 20
40
90
60
25
30
40
70 80
100
R
θ
= 618 °C/W
J-A
R
θ
= 412 °C/W
J-A
50
40
20
10
0
50
100
IPEAK – PEAK FORWARD CURRENT – mA
150
30
200
f > 100 Hz
f > 300 Hz
f > 1 KHz
Figure 4c. Maximum Forward Current
vs. Ambient Temperature for T-1
Lamps. Derating Based on
T
JMax = 110 °C.
Figure 5. Maximum Average Current
vs. Peak Forward Current.
Figure 4b. Maximum DC Current vs.
Ambient Temperature for TS T-13/4
Lamps. Derating Based on
T
JMAX = 130°C.
2.5
2.0
1.5
1.0
0.0
010
50
20
40
30
IF – DC FORWARD CURRENT – mA
0.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn