Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1-41
AS-AlInGaP T-1
Speed of
Forward
Reverse
Capacitance
Response
Voltage
Breakdown
C (pF)
τ
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
Resistance
e-t/τs
HLMA-
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
KL00
1.9
2.4
5
25
40
290
13
KH00
1.9
2.4
5
25
40
290
13
Electrical Characteristics at T
A = 25°C
TS-AlInGaP T-13/4
Speed of
Forward
Reverse
Capacitance
Response
Voltage
Breakdown
C (pF)
τ
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
Resistance
e-t/τs
HLMT-
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
CL00
2.0
2.4
5
25
70
210
13
CH00
2.0
2.4
5
25
70
210
13
DL00
2.0
2.4
5
25
70
260
13
DH00
2.0
2.4
5
25
70
260
13
AS-AlInGaP T-13/4
Speed of
Forward
Reverse
Capacitance
Response
Voltage
Breakdown
C (pF)
τ
s (ns)
Part
VF (Volts)
VR (Volts)
VF = 0,
Thermal
Time Constant
Number
@ IF = 20 mA
@ IR = 100 µA
f = 1 MHz
Resistance
e-t/τs
HLMA-
Typ.
Max.
Min.
Typ.
Typ.
R
θ
J-PIN (°C/W)
Typ.
CL00
1.9
2.4
5
25
40
210
13
CH00
1.9
2.4
5
25
40
210
13
DL00
1.9
2.4
5
25
40
260
13
DH00
1.9
2.4
5
25
40
260
13
DG00
1.9
2.4
5
25
40
260
13


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn