Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLMA-CX00 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HLMA-CX00
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HLMA-CX00 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1-40
Optical Characteristics at T
A = 25°C
TS-AlInGaP T-13/4
Luminous
Color,
Intensity
Peak
Dominant
Viewing Angle
Luminous
Part
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
Number
@ 20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
v
Package
HLMT-
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
Drawing
CL00[1]
2600
8300
594
592
8
480
A
CH00[1]
2900
9000
623
617
8
263
DL00[4]
450
1500
594
592
24
480
B
DH00[4]
500
1800
623
617
24
263
AS-AlInGaP T-1
Luminous
Color,
Intensity
Peak
Dominant
Viewing Angle
Luminous
Part
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
Number
@ 20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
v
Package
HLMA-
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
Drawing
KL00
35
200
592
590
45
480
C
KH00
35
200
621
615
45
263
Notes:
1. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis
of the lamp package.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.
AS-AlInGaP T-13/4
Luminous
Color,
Intensity
Peak
Dominant
Viewing Angle
Luminous
Part
IV (mcd)
Wavelength
Wavelength
2
θ1/2
Efficacy
Number
@ 20 mA[1]
λ
peak (nm)
λ
d
[2] (nm)
Degrees[3]
η
v
Package
HLMA-
Min.
Typ.
Typ.
Typ.
Typ.
(lm/w)
Drawing
CL00[1]
1000
3500
592
590
7
480
A
CH00[1]
1000
3500
621
615
7
263
DL00[4]
300
800
592
590
24
480
B
DH00[4]
290
600
621
615
24
263
DG00[4]
290
500
630
622
24
197
Notes:
1. The luminous intensity, IV, is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis
of the lamp package.
2. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3.
θ
1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
4. The luminous intensity, Iv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern
may not be aligned with this axis.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn