Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST128604 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST128604
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST128604 Datasheet(HTML) 1 Page - E-SWITCH

  ST128604 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP8T6B11M2QEH
2:1
4/21/2005
ST128604
B
JB
1
1
PC MOUNTING
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS W/RESITIVE LOAD @ 120VAC OR 28VDC
2 AMPS W/RESITIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
11.
DENOTES CRITICAL PARAMETER.
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
(ON)
(ON)
2-3, 5-6
2-3, 5-4
2-1, 5-4
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
3
8.89
[.350 in]
12.70
[.500 in]
11.43
[.450 in]
6.35
[.250 in]
6
.76
[.030 in] TYP.
1.27
[.050 in] TYP.
(ON) = MOMENTARY
8.99
[.354 in]
4.70
[.185 in] TYP.
4.83
[.190 in]
25
~
POS. 1
POS. 2
POS. 3
4.83
[.190 in]
4.70
[.185 in]
n1.85
[.073 in]
1/4-40 UNS-2A
THREADS
11.43
[.450 in]
2.54
[.100 in]
1.02
[.040 in]
.71
[.028 in]
n7.98
[.314 in]
KEYWAY
A
14874
CREATED DRAWING
4/21/05
JB
100DP8T6B11M2QE
(T128604)
DPDT 3 WAY CIRCUIT
(OUT) 6
5
4
3
2 (IN)
1
6
5
4
6
5
(OUT) 4
3
2 (IN)
1 (OUT)
3
2 (IN)
1
POS. 1
POS. 2
POS. 3
B
15028
CORRECTED SWITCH FUNCTION
6/23/05
JB
B
B


Similar Part No. - ST128604

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST128064 E-SWITCH-ST128064 Datasheet
138Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST128066 E-SWITCH-ST128066 Datasheet
129Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST128067 E-SWITCH-ST128067 Datasheet
126Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST128085 E-SWITCH-ST128085 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST128087 E-SWITCH-ST128087 Datasheet
150Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST128604

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com