Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5203 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # HFBR-5203
Description  ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5203 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5203 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 19Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
124
HFBR-5205/-5205T
Receiver Optical and Electrical Characteristics
(TA = 0°C to 70°C, VCC = 4.75 V to 5.25 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Input Optical Power
PIN Min. (W)
-30
dBm avg.
Note 16
Minimum at Window Edge
Figure 10
Input Optical Power
PIN Min. (C)
-31
dBm avg.
Note 17
Minimum at Eye Center
Figure 10
Input Optical Power Maximum
PIN Max.
-14
dBm avg.
Note 16
Operating Wavelength
λ
1260
1360
nm
Systematic Jitter Contributed
SJ
0.2
1.2
ns p-p
Note 18
by the Receiver
Random Jitter Contributed
RJ
1
1.91
ns p-p
Note 19
by the Receiver
Signal Detect - Asserted
PA
PD + 1.5 dB
-31
dBm avg.
Note 20
Signal Detect - Deasserted
PD
-45
dBm avg.
Note 21
Signal Detect - Hysteresis
PA - PD
1.5
dB
Signal Detect Assert Time
0
55
100
µs
Note 22
(off to on)
Signal Detect Deassert Time
0
110
350
µs
Note 23
(on to off)
Notes:
1. This is the maximum voltage that
can be applied across the Differential
Transmitter Data Inputs to prevent
damage to the input ESD protection
circuit.
2. The outputs are terminated with
50
Ω connected to V
CC -2 V.
3. The power supply current needed to
operate the transmitter is provided
to differential ECL circuitry. This
circuitry maintains a nearly con-
stant current flow from the power
supply. Constant current operation
helps to prevent unwanted electrical
noise from being generated and
conducted or emitted to neighboring
circuitry.
4. This value is measured with the
outputs terminated into 50
connected to VCC -2 V and an Input
Optical Power level of -14 dBm
average.
5. The power dissipation value is the
power dissipated in the receiver
itself. Power dissipation is calcu-
lated as the sum of the products of
supply voltage and currents, minus
the sum of the products of the
output voltages and currents.
6. This value is measured with respect
to VCC with the output terminated
into 50
Ω connected to V
CC -2 V.
7. The output rise and fall times are
measured between 20% and 80%
levels with the output connected to
VCC -2 V through 50 Ω.
8. These optical power values are
measured with the following
conditions:
• The Beginning of Life (BOL) to
the End of Life (EOL) optical
power degradation is typically
1.5 dB per the industry conven-
tion for long wavelength LEDs.
The actual degradation observed
in Hewlett-Packard’s 1300 nm
LED products is <1 dB, as
specified in this datasheet.
• Over the specified operating
voltage and temperature ranges.
• With 25 MBd (12.5 MHz square-
wave) input signal.
• At the end of one meter of noted
optical fiber with cladding modes
removed.
The average power value can be
converted to a peak power value
by adding 3 dB. Higher output
optical power transmitters are
available on special request.
9. The same comments of note 9 apply
except that industry convention for
short wavelength LED (800 nm)
aging is 3 dB. This value for Output
Optical Power will provide a
minimum 6 dB optical power budget
at the EOL, which will provide at
least 150 meter link lengths with
margin left over for overcoming
normal passive losses, such as in-
line connectors, in the cable plant.
The actual degradation observed in
normal commercial environments
will be considerably less than this
amount with Hewlett-Packard’s 800
nm LED products. Please consult
with your local HP sales representa-
tive for further details.
10. The Extinction Ratio is a measure of
the modulation depth of the optical
signal. The data “0” output optical
power is compared to the data “1”
peak output optical power and


Similar Part No. - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5203T HP-HFBR-5203T Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com