Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5203 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR-5203
Description  ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5203 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5203 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-5203 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
116
Figure 10. Relative Input Optical Power vs. Eye Sampling
Time Position.
Figure 9. Transmitter Output Optical Spectral Width
(FWHM) vs. Transmitter Output Optical Center
Wavelength and Rise/Fall Times.
Regulatory Compliance Table
Feature
Test Method
Performance
Electrostatic Discharge
MIL-STD-883C
Meets Class 2 (2000 to 3999 Volts)
(ESD) to the Electrical
Method 3015.4
Withstand up to 2200 V applied between electrical
Pins
pins.
Electrostatic Discharge
Variation of
Typically withstand at least 25 kV without damage
(ESD) to the Duplex SC
IEC 801-2
when the Duplex SC Connector Receptacle
Receptacle
is contacted by a Human Body Model probe.
Electromagnetic
FCC Class B
Transceivers typically provide a 13 dB margin
Interference (EMI)
CENELEC EN55022
(with duplex SC receptacle) or a 9 dB margin
Class B (CISPR 22B)
(with duplex ST receptacles) to the noted
VCCI Class 2
standard limits when tested at a certified test
range with the transceiver mounted to a circuit
card without a chassis enclosure.
Immunity
Variation of IEC 801-3
Typically show no measurable effect from a
10 V/m field swept from 10 to 450 MHz applied
to the transceiver when mounted to a circuit card
without a chassis enclosure.
0
EYE SAMPLING TIME POSITION (ns)
-3
-1
0
1
5
4
3
2
3
1
-2
2
CONDITIONS:
1.TA = 25° C
2. VCC = 5 Vdc
3. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
4. INPUT OPTICAL POWER IS NORMALIZED TO
CENTER OF DATA SYMBOL.
5. NOTE 16 AND 17 APPLY.
HFBR-5203/-5204/-5205
SERIES
200
100
λ
C – TRANSMITTER OUTPUT OPTICAL
CENTER WAVELENGTH –nm
1280
1300
1320
180
160
140
120
1360
1340
1.0
1.5
2.5
3.0
2.0
HFBR-5205 TRANSMITTER TEST RESULTS
OF
λ
C, ∆λ AND tr/f ARE CORRELATED AND
COMPLY WITH THE ALLOWED SPECTRAL WIDTH
AS A FUNCTION OF CENTER WAVELENGTH FOR
VARIOUS RISE AND FALL TIMES.
1260
tr/f – TRANSMITTER
OUTPUT OPTICAL
RISE/FALL TIMES – ns
3.0


Similar Part No. - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5203 HP-HFBR-5203 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
HFBR-5203T HP-HFBR-5203T Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5203

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-5205Z BOARDCOM-AFBR-5205Z Datasheet
559Kb / 19P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR5203-5205 HP-HFBR5203-5205 Datasheet
326Kb / 20P
   ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5805AZ AVAGO-AFBR-5805AZ Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Broadcom Corporation.
AFBR-5805Z BOARDCOM-AFBR-5805Z Datasheet
223Kb / 14P
   ATM Transceivers for SONET OC-3 / SDH STM-1 in Low Cost 1 x 9 Package Style
logo
Agilent(Hewlett-Packard...
HFBR-5805 HP-HFBR-5805 Datasheet
251Kb / 14P
   HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
HFBR-5106 HP-HFBR-5106 Datasheet
265Kb / 15P
   100VG-AnyLAN Multimode Fiber Transceivers in Low Cost 1x9 Package Style
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com