Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1119T Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-1119T
Description  Fiber Optic Transmitter and Receiver Data Links for 266 MBd
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1119T Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-1119T Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
202
FIBER OPTIC CABLE LENGTH – km
4
2
0.5
8
1
0
6
02
1.5
1
3
5
7
62.5/125 µm
50/125 µm
Each transmitter and receiver
package includes an internal shield
for the electrical subassembly to
ensure low EMI emissions and high
immunity to external EMI fields.
The outer housing, including the
ST* port, is molded of filled, non-
conductive plastic to provide
mechanical strength and electrical
isolation. For other port styles,
please contact your Hewlett-
Packard Sales Representative.
Each data-link module is attached
to a printed circuit board via the
16-pin DIP interface. Pins 8 and 9
provide mechanical strength for
these plastic-port devices and will
provide port-ground for forthcom-
ing metal-port modules.
Application Information
The Applications Engineering
group of the Optical Communi-
cation Division is available to assist
you with the technical understand-
ing and design tradeoffs associated
with these transmitter and receiver
modules. You can contact them
through your Hewlett-Packard
sales representative.
The following information is
provided to answer some of the
most common questions about the
use of these parts.
Transmitter and Receiver
Optical Power Budget
versus Link Length
The Optical Power Budget (OPB)
is the available optical power for a
fiber-optic link to accommodate
fiber cable losses plus losses due to
in-line connectors, splices, optical
switches, and to provide margin for
link aging and unplanned losses
due to cable plant reconfiguration
or repair.
Figure 4 illustrates the predicted
OPB associated with the trans-
mitter and receiver specified in this
data sheet at the Beginning of Life
(BOL). This curve represents the
attenuation and chromatic plus
modal dispersion losses associated
with 62.5/125
µm and 50/125 µm
fiber cables only. The area under
the curve represents the remaining
OPB at any link length, which is
available for overcoming non-fiber
cable related losses.
Hewlett-Packard LED technology
has produced 1300 nm LED
devices with lower aging character-
istics than normally associated with
these technologies in the industry.
The industry convention is 1.5 dB
aging for 1300 nm LEDs; however,
HP 1300 nm LEDs will experience
less than 1 dB of aging over
normal commercial equipment
mission-life periods. Contact your
Hewlett-Packard sales represen-
tative for additional details.
Figure 4 was generated with a
Hewlett-Packard fiber-optic link
model containing the current
industry conventions for fiber
cable specifications and Fibre
Channel optical parameters. These
parameters are reflected in the
guaranteed performance of the
transmitter and receiver specifica-
tions in this data sheet. This same
model has been used extensively in
the ANSI and IEEE committees,
including the ANSI X3T9.5
committee, to establish the optical
performance requirements for
various fiber-optic interface
standards. The cable parameters
used come from the ISO/IEC JTC1/
*ST is a registered trademark of AT&T Lightguide Cable Connectors.
Figure 3. Pinout Drawing.
Figure 4. Optical Power Budget at
BOL vs. Fiber Optic Cable Length.
NC
8
9NC
GND
7
10
NO PIN
VCC
6
11
GND
VCC
5
12
GND
GND
4
13
GND
DATA
3
14
GND
DATA
2
15
VBB
NC
1
16
NC
OPTICAL PORT
TRANSMITTER
NC
8
9NC
NO PIN
7
10
GND
GND
6
11
VCC
GND
5
12
VCC
GND
4
13
VCC
SD
3
14
DATA
SD
2
15
DATA
NO PIN
1
16
NC
OPTICAL PORT
RECEIVER


Similar Part No. - HFBR-1119T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
More results

Similar Description - HFBR-1119T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1115TZ AVAGO-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
HFBR-1116TZ AVAGO-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1116T HP-HFBR-1116T Datasheet
282Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com