Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1119T Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR-1119T
Description  Fiber Optic Transmitter and Receiver Data Links for 266 MBd
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1119T Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1119T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1119T Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
209
HFBR-2119T Receiver Optical Characteristics
(TA = 0°C to 70°C, VCC = 4.5 V to 5.5 V)
Parameter
Symbol
Min.
Typ.
Max
Unit
Reference
Input Optical Power
PIN Min. (W)
-26
dBm
Note 11
Minimum at Window Edge
avg.
Figure 9
Input Optical Power
PIN Min. (C)
-28
dBm
Note 12
Minimum at Eye Center
avg.
Figure 9
Input Optical Power Maximum
PIN Max.
-14
dBm
Note 11
avg.
Operating Wavelength
λ
1270
1380
nm
Signal Detect–Asserted
PA
PD+1.5 dB
-27
dBm
Note 13, 19
avg.
Signal Detect–De-asserted
PD
-45
dBm
Note 14, 20
avg.
Signal Detect–Hysteresis
PA-PD
1.5
2.4
dB
Deterministic Jitter Contributed
DJC
0.24
ns rms
Note 9, 11
by the Receiver
0.90
ns p-p
Random Jitter Contributed by
RJC
0.26
ns rms
Note 10, 11
the Receiver
0.97
ns p-p
HFBR-1119T Transmitter Optical Characteristics
(TA = 0°C to 70°C, VCC = 4.5 V to 5.5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Output Optical Power
PO, BOL
-19
-14
dBm
Note 5
62.5/125
µm, NA = 0.275 Fiber
PO, EOL
-20
-14
avg.
Output Optical Power
PO, BOL
-22.5
-14
dBm
Note 5
50/125
µm, NA = 0.20 Fiber
avg.
Optical Extinction Ratio
0.03
% dB
Note 6
-35
Center Wavelength
λC
1280
1308
1380
nm
Note 7
Figure 8
Spectral Width–FWHM
∆λ
137
nm
Note 7
Figure 8
Optical Rise Time
tr
0.6
2.0
ns
Note 8
Figure 8
Optical Fall Time
tf
0.6
2.2
ns
Note 8
Figure 8
Deterministic Jitter Contributed by
DJC
0.08
ns rms
Note 9
the Transmitter
0.30
ns p-p
Random Jitter Contributed by the
RJC
0.03
ns p-p
Note 10
Transmitter
0.11
ns p-p


Similar Part No. - HFBR-1119T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
More results

Similar Description - HFBR-1119T

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1115TZ AVAGO-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
HFBR-1116TZ AVAGO-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1116T HP-HFBR-1116T Datasheet
282Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com