Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-0400 Datasheet(PDF) 22 Page - Agilent(Hewlett-Packard)

Part # HFBR-0400
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-0400 Datasheet(HTML) 22 Page - Agilent(Hewlett-Packard)

Back Button HFBR-0400 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HFBR-0400 Datasheet HTML 26Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
67
HFBR-24X6 Low-Cost
125 MHz Receiver
Description
The HFBR-24X6 fiber optic
receiver is designed to operate
with the Hewlett-Packard HFBR-
14XX fiber optic transmitters and
50/125
µm, 62.5/125 µm, 100/
140
µm and 200 µm HCS® fiber
optic cable. Consistent coupling
into the receiver is assured by the
lensed optical system (Figure 1).
Response does not vary with fiber
size for core diameters of 100
µm
or less.
The receiver output is an analog
signal which allows follow-on
circuitry to be optimized for a
variety of distance/data rate
requirements. Low-cost external
components can be used to convert
the analog output to logic
compatible signal levels for various
data formats and data rates up to
175 MBd. This distance/data rate
tradeoff results in increased optical
power budget at lower data rates
which can be used for additional
distance or splices.
The HFBR-24X6 receiver contains
a PIN photodiode and low noise
transimpedance pre-amplifier
integrated circuit. The HFBR-24X6
receives an optical signal and
converts it to an analog voltage.
The output is a buffered emitter-
follower. Because the signal
amplitude from the HFBR-24X6
receiver is much larger than from a
simple PIN photodiode, it is less
susceptible to EMI, especially at
high signaling rates. For very noisy
environments, the conductive or
metal port option is recommended.
A receiver dynamic range of 23 dB
over temperature is achievable
(assuming 10-9 BER).
The frequency response is typically
dc to 125 MHz. Although the
HFBR-24X6 is an analog receiver,
it is compatible with digital
systems. Please refer to
Application Bulletin 78 for simple
and inexpensive circuits that
operate at 155 MBd or higher.
The recommended ac coupled
receiver circuit is shown in Figure
12. It is essential that a 10 ohm
resistor be connected between pin
6 and the power supply, and a 0.1
µF ceramic bypass capacitor be
connected between the power
supply and ground. In addition, pin
6 should be filtered to protect the
Figure 11. Simplified Schematic Diagram.
Housed Product
Unhoused Product
receiver from noisy host systems.
Refer to AN 1038, 1065, or AB 78
for details.
CAUTION: The small junction sizes inherent to the design of these components increase the components’
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be
taken in handling and assembly of these components to prevent damage and/or degradation which may be
induced by ESD.
PIN FUNCTION
1
2*
3
4*
SIGNAL
VEE
VCC
VEE
8
1
3
5
2
4
6
7
PIN NO. 1
INDICATOR
BOTTOM VIEW
6
2
3, 7
VCC
ANALOG
SIGNAL
VEE
PIN
FUNCTION
1†
2
3*
4†
5†
6
7*
8†
* PINS 3 AND 7 ARE ELECTRICALLY
CONNECTED TO THE HEADER.
† PINS 1, 4, 5, AND 8 ARE ISOLATED FROM
THE INTERNAL CIRCUITRY, BUT ARE
ELECTRICALLY CONNECTED TO EACH OTHER.
N.C.
SIGNAL
V
N.C.
N.C.
V
V
N.C.
EE
CC
EE
BIAS & FILTER
CIRCUITS
VCC
VOUT
VEE
6
2
3, 7
POSITIVE
SUPPLY
ANALOG
SIGNAL
NEGATIVE
SUPPLY
5.0
mA
300 pF


Similar Part No. - HFBR-0400

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
288Kb / 25P
   Components is Designed to Provide cost effective, High performance fiber optic communication links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0400 AVAGO-HFBR-0400 Datasheet
234Kb / 24P
   Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
HFBR-0400TZ AVAGO-HFBR-0400TZ Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
More results

Similar Description - HFBR-0400

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com