Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-1300 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HEDS-1300
Description  Optical Reflective Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-1300 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HEDS-1300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-1300 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-23
HEDS-1300 Optical System
Mechanical
Considerations
The HEDS-1200 and HEDS-1300
sensors are packaged in a high
profile 8 pin TO5 metal can with a
glass window. The emitter and
photodetector chips are mounted
on the header at the base of the
package. Positioned above these
active elements is a bifurcated
aspheric acrylic lens that focuses
them to the same point.
The sensors can be rigidly
secured by commercially available
TO5 style heat sinks, or 8 pin
0.200 inch diameter pin circle
sockets. These fixtures provide a
stable reference platform for
affixing the sensors to a circuit
board.
In applications requiring contact
scanning, protective focusing tips
are available. Focusing tips are
available in either metal (HBCS-
2999 or HBCS-4999) or
polycarbonate (HBCS-A998 or
HBCS-A999) packages using a
rugged sapphire ball as the
contact surface.
Electrical Operations
Both the HEDS-1200 and HEDS-
1300 sensors have the following
in common. The detector of the
sensor is a single photodiode. The
cathode of the emitter is physically
and electrically connected to the
case-substrate of the device.
Applications that require modula-
tion or switching of the LED
should be designed to have the
cathode connected to the electri-
cal ground of the system. Refer to
the Schematic and Connection
Diagrams that follow.
HEDS-1200 Optical System
17
35
26
8
4
TOP VIEW
PIN #
FUNCTION (HEDS-1200)
2
3
4
6
PHOTODIODE ANODE, SUBSTRATE, CASE
PHOTODIODE CATHODE
LED CATHODE, SUBSTRATE, CASE
LED ANODE
REFERENCE
PLANE
REFLECTOR
6
CASE, SUBSTRATE
4
DS
DP
3
2
LED
Z
DP
DS
LED
SCHEMATIC DIAGRAM
CONNECTION DIAGRAM
7
35
26
4
TOP VIEW
PIN #
FUNCTION (HEDS-1300)
2
3
4
6
PHOTODIODE ANODE
PHOTODIODE CATHODE
LED CATHODE, SUBSTRATE, CASE
LED ANODE
REFERENCE
PLANE
REFLECTOR
6
*NO CONNECTION TO BE MADE TO PIN 1 AND PIN 8
4
DS
2
LED
Z
DP
DS
LED
SCHEMATIC DIAGRAM
CONNECTION DIAGRAM
3
DS
TRANSISTOR
NOT SPECIFIED
1*
8*
1*
8*


Similar Part No. - HEDS-1300

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
More results

Similar Description - HEDS-1300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
   Optical Reflective Sensors
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
   REFLECTIVE OPTICAL SWITCHES
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
OSRAM GmbH
SFH-7740 OSRAM-SFH-7740 Datasheet
432Kb / 14P
   Reflective Optical Switch
logo
KODENSHI_AUK CORP.
HS-101 KODENSHI-HS-101 Datasheet
216Kb / 2P
   Reflective sensors
HS-101S KODENSHI-HS-101S Datasheet
215Kb / 2P
   Reflective sensors
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
   SMD Reflective Optical Sensor
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
   Reflective Object Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com