Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-625K Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-625K
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-625K Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-625K Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-625K Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide–Package Styles and Lead Configuration Options
Package
8 Pin DIP
8 Pin DIP
16 Pin Flat Pack
20 Pad LCCC
Lead Style
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
1
2
4
2
Common Channel
None
VCC, GND
VCC, GND
None
Wiring
Agilent Part # & Options
Commercial
HCPL-5200
HCPL-5230
HCPL-6250
HCPL-6230
MIL-PRF-38534, Class H
HCPL-5201
HCPL-5231
HCPL-6251
HCPL-6231
MIL-PRF-38534, Class K
HCPL-520K
HCPL-523K
HCPL-625K
HCPL-623K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Soldered Pads
Solder Dipped
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Gull Wing/Soldered
Option #300
Option #300
Class H SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
Either Gold or Solder
8876801PX
8876901PX
8876903FX
88769022X
Gold Plate
8876801PC
8876901PC
8876903FC
Solder Dipped
8876801PA
8876901PA
88769022A
Butt Cut/Gold Plate
8876801YC
8876901YC
Butt Cut/Soldered
8876801YA
8876901YA
Gull Wing/Soldered
8876801XA
8876901XA
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
Either Gold or Solder
8876802KPX
8876904KPX
8876906KFX
8876905K2X
Gold Plate
8876802KPC
8876904KPC
8876906KFC
Solder Dipped
8876802KPA
8876904KPA
8876905K2A
Butt Cut/Gold Plate
8876802KYC
8876904KYC
Butt Cut/Soldered
8876802KYA
8876904KYA
Gull Wing/Soldered
8876802KXA
8876904KXA
which allows for direct connection
to data buses. The output is non-
inverting. The detector IC has an
internal shield that provides a
guaranteed common mode
transient immunity of up to
10,000 V/
µs. Improved power
supply rejection eliminates the
need for special power supply
bypass precautions.
Package styles for these parts are
8 pin DIP through hole (case
outline P), 16 pin DIP flat pack
(case outline F), and leadless
ceramic chip carrier (case outline
2). Devices may be purchased
with a variety of lead bend and
plating options, see Selection
Guide Table for details. Standard
Microcircuit Drawing (SMD)
parts are available for each
package and lead style.
Because the same electrical die
(emitters and detectors) are used
for each channel of each device
listed in this data sheet, absolute
maximum ratings, recommended
operating conditions, electrical
specifications, and performance
characteristics shown in the
figures are identical for all parts.
Occasional exceptions exist due
to package variations and limita-
tions and are as noted. Addition-
ally, the same package assembly
processes and materials are used
in all devices. These similarities
give justification for the use of
data obtained from one part to
represent other part’s per-
formance for die related
reliability and certain limited
radiation test results.


Similar Part No. - HCPL-625K

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-625K AVAGO-HCPL-625K Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - HCPL-625K

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com