Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFG110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFG110
Description  POWER MOSFET THRU-HOLE (MO-036AB)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFG110 Datasheet(HTML) 1 Page - International Rectifier

  IRFG110 Datasheet HTML 1Page - International Rectifier IRFG110 Datasheet HTML 2Page - International Rectifier IRFG110 Datasheet HTML 3Page - International Rectifier IRFG110 Datasheet HTML 4Page - International Rectifier IRFG110 Datasheet HTML 5Page - International Rectifier IRFG110 Datasheet HTML 6Page - International Rectifier IRFG110 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
1.0
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
0.6
IDM
Pulsed Drain Current
À
4.0
PD @ TC = 25°C
Max. Power Dissipation
1.4
W
Linear Derating Factor
0.011
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
75
mJ
IAR
Avalanche Current
À
1.0
A
EAR
Repetitive Avalanche Energy
À
0.14
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.63 in./1.6 mm from case for 10s)
Weight
1.3 (Typical)
g
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry design achieves very low on-state
resistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advantages
of MOSFETs, such as voltage control, very fast switching,
ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as
switching power supplies, motor controls, inverters,
choppers, audio amplifiers, high energy pulse circuits, and
virtually any application where high reliability is required.
The
HEXFET transistor’s totally isolated package eliminates
the need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
°C
A
POWER MOSFET
THRU-HOLE (MO-036AB)
03/01/10
www.irf.com
1
MO-036AB
Product Summary
Part Number
RDS(on)
ID
IRFG110
0.7
1.0A
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Dynamic dv/dt Rating
n Light-weight
For footnotes refer to the last page
IRFG110
JANTX2N7334
JANTXV2N7334
REF:MIL-PRF-19500/597
100V, QUAD N-CHANNEL
HEXFET
® MOSFET TECHNOLOGY
PD-90396H


Similar Part No. - IRFG110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG110 IRF-IRFG110 Datasheet
221Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
logo
Seme LAB
IRFG110 SEME-LAB-IRFG110 Datasheet
26Kb / 2P
   14 LEAD DUAL IN LINE QUAD
logo
International Rectifier
IRFG110 IRF-IRFG110 Datasheet
273Kb / 7P
   Simple Drive Requirements
IRFG110 IRF-IRFG110_15 Datasheet
273Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFG110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7334JANTXV IRF-2N7334JANTXV Datasheet
273Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
2N7336JANTX IRF-2N7336JANTX Datasheet
444Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRFG6110 IRF-IRFG6110 Datasheet
402Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
2N7336JANTXV IRF-2N7336JANTXV Datasheet
438Kb / 12P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRFG110 IRF-IRFG110 Datasheet
221Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRFG9110 IRF-IRFG9110 Datasheet
218Kb / 7P
   POWER MOSFET THRU-HOLE (MO-036AB)
IRHG7110 IRF-IRHG7110 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
IRHG597110 IRF-IRHG597110 Datasheet
117Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
IRHG9110 IRF-IRHG9110 Datasheet
122Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (MO-036AB)
RHLG77110 IRF-RHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com