Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDMP-1512 Datasheet(PDF) 25 Page - Agilent(Hewlett-Packard)

Part # HDMP-1512
Description  Fibre Channel Transmitter and Receiver Chipset
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1512 Datasheet(HTML) 25 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1512 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1512 Datasheet HTML 26Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
680
Figure 20. Typical Receiver Pin Terminations for Applications Using High Speed Serial Copper Links (
± DIN). For 1062.5
MBd Operation Only, SPDSEL (pin 71) Set High, Non Ping-Pong Mode (PPSEL = 0).
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
+5.0 V
HDMP-1514
TOP VIEW
0.47 µF
0.01 µF
0.1 µF
0.1 µF
0.1 µF
LOLB
LOLA
-POR
EN_CDET
+5.0 V
LUNUSE
+5.0 V
RBC1
RBC0
COM_DET
+5.0 V
0.1 µF
NC
EWRAP
-LCK_REF


Similar Part No. - HDMP-1512

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
   Fibre Channel Transceiver Chip
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
HDMP-1546 HP-HDMP-1546 Datasheet
259Kb / 15P
   Fibre Channel Transceiver Chip
More results

Similar Description - HDMP-1512

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9501 TRIQUINT-TQ9501 Datasheet
284Kb / 16P
   531/1063 Mbaud Fibre Channel Transmitter and Receiver
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
   Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
   Fibre Channel Receiver
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
LSI Computer Systems
L64734 LSI-L64734 Datasheet
478Kb / 48P
   Tuner and Satellite Receiver Chipset
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com