Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTL-1100 Datasheet(PDF) 37 Page - Agilent(Hewlett-Packard)

Part # HCTL-1100
Description  General Purpose Motion Control ICs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCTL-1100 Datasheet(HTML) 37 Page - Agilent(Hewlett-Packard)

Back Button HCTL-1100 Datasheet HTML 31Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 33Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 34Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 35Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 36Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 37Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 38Page - Agilent(Hewlett-Packard) HCTL-1100 Datasheet HTML 39Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
2-175
There are three different timing
configurations which can be used
to give the user greater flexibility
to interface the HCTL-1100 to
most microprocessors (see
Timing diagrams). They are
differentiated from one another
by the arrangement of the ALE
signal with respect to the CS
signal. The three timing
configurations are listed below.
1. ALE, CS non-overlapped
2. ALE, CS overlapped
3. ALE within CS
Any I/O operation starts by
asserting the ALE signal which
starts sampling the external bus
into an internal address latch.
Rising ALE or falling CS during
ALE stops the sampling into the
address latch.
CS low after rising ALE samples
the external bus into the data
latch. Rising CS stops the
sampling into the data latch, and
starts the internal synchronous
process.
In the case of a write, the data in
the data latch is written into the
addressed location. In the case of
a read, the addressed location is
written into an internal output
latch. OE low enables the internal
output latch onto the external
bus. The OE signal and the
internal output latch allow the I/O
port to be flexible and avoid bus
conflicts during read operations.
It is important that the host
microprocessor does not attempt
to perform too many I/O
operations in a single sample time
of the HCTL-1100. Each
I/O operation interrupts the
execution of the HCTL-1100’s
internal code for 1 clock cycle.
Although extra clock cycles have
been allotted in each sample time
for I/O operations, the number of
extra cycles is reduced as the
value programmed into the
Sample Timer register (R0FH) is
reduced.
Table 5 shows the maximum
number of I/O operations allowed
under the given conditions.
The number of external clock
cycles available for I/O operations
in any of the four control modes
can be increased by increasing
the value in the Sample Timer
register (R0FH).
For every unit increase in the
Sample Timer register (R0FH)
above the minimums shown in
Table 5 the user may perform 16
additional I/O operations per
sample time.
data written to the 8-bit Motor
Command port by the control
algorithms is the internally
computed 2’s-complement motor
command with an 80H offset
added. This allows direct
interfacing to a DAC. Figure 16
shows a typical DAC interface to
the HCTL-1100. An inexpensive
DAC, such as MC1408 or
equivalent, has its digital inputs
directly connected to the Motor
Command port. The DAC pro-
duces an output current which is
converted to a voltage by an
operational amplifier. R
O and RG
control the analog offset and gain.
The circuit is easily adjusted for
+5 V to –5 V operation by first
writing 80H to R08H and
adjusting R
O for 0 V output. Then
FFH is written to R08H and R
G is
adjusted until the output is 5 V.
Note that 00H in R08H
corresponds to –5 V out.
Figure 17 shows an example of
how to interface the HCTL-1100
to an H-bridge amplifier. An H-
bridge amplifier allows bipolar
motor operation with a unipolar
power supply.
Interfacing the HCTL-1100 to
Amplifiers and Motors
The Motor Command port is the
ideal interface to an 8-bit DAC,
configured for bipolar output. The
Table 5. Maximum Number of I/O Allowed
Maximum Number
Sample Timer
of I/O Operations
Register Value
Operating Mode
Allowed per Sample
07H (07D)
Position Control or
5
Prop. Vel. Control
Position Control or
133
Prop. Vel. Control
OFH (15D)
Trapezoidal Prof.
or Integral
6
Vel. Control


Similar Part No. - HCTL-1100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
More results

Similar Description - HCTL-1100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1101 AVAGO-HCTL-1101 Datasheet
1Mb / 40P
   General Purpose Control ICs Position and Velocity Control Low Power CMOS
logo
List of Unclassifed Man...
TA75S393F ETC-TA75S393F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
   Motion Control Applications
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
   Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
   Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
   Motion Control Applications
2017-04-27
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
   Motion analysis and control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com