Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST121107 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST121107
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121107 Datasheet(HTML) 1 Page - E-SWITCH

  ST121107 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T6B11M6QEH
2:1
3/11/2008
ST121107
A
BLR
1
1
PANEL MOUNTING
With Standard
Locking Ring
With Locking
Ring
P.C.B. LAYOUT
A
18002
RELEASE FOR PRODUCTION
3/11/08
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 Amps @120VAC (or 28 VDC),
2 Amps @250VAC
6. LIFE EXPECTANCY: 40,000 MAKE-AND-BREAK CYCLES
(Min.) AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
N/A
2-1, 5-4
2
13
CIRCUIT: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
4
5
6
6
10.41
[.410 in]
12.70
[.500 in]
11.43
[.450 in]
3
5
46
25
~
POS. 1
POS. 3
1/4-40 UNS-2A
THREADS
n6.35
[.250]
5.08
[.200 in]
.55
[.022 in]
.85
[.033 in]
7.55
[.297 in]
12.30
[.484 in]
12.70
[.500 in]
5.08
[.200 in]
n1.85
[.073 in]
(8)
4.70
[.185 in]
3.81
[.150 in]
3.81
[.150 in]
4
5
6
1
2
3
6.10
[.240 in]
n2.38
[.094 in]
n6.35
[.250 in]
KEYWAY
4.70
[.185 in]
9.40
[.370 in]
5.08
[.200 in]
.41
[.016 in]
1.27
[.050 in]
.76
[.030 in]
12.70
[.500 in]
1.44
[.057 in]
3.17
[.125 in]
2.70
[.106 in]
1.27
[.050 in]
EPOXY
SEAL
T6 ACTUATOR
2/BUILT IN
ANTI-ROTATION


Similar Part No. - ST121107

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST121106 E-SWITCH-ST121106 Datasheet
153Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST121109 E-SWITCH-ST121109 Datasheet
79Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST121107

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com