Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL0454 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL0454
Description  High CMR, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL0454 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL0454 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL0454 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1-41
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Current
CTR
HCPL-4504
25
32
60
%
TA = 25°CVO = 0.4 V
IF = 16 mA,
1, 2,
5
Transfer Ratio
HCPL-0454
21
34
VO = 0.5 V
VCC = 4.5 V
4
HCNW4504
23
29
60
TA = 25°CVO = 0.4 V
19
31
63
VO = 0.5 V
Current
CTR
HCPL-4504
26
35
65
%
TA = 25°CVO = 0.4 V
IF = 12 mA,
1, 2,
5
Transfer Ratio
HCPL-0454
22
37
VO = 0.5 V
V
CC = 4.5 V
4
HCNW4504
25
33
65
TA = 25°CVO = 0.4 V
21
35
68
VO = 0.5 V
Logic Low
VOL
HCPL-4504
0.2
0.4
V
TA = 25°CIO = 4.0 mA
IF = 16 mA,
Output Voltage
HCPL-0454
0.5
IO = 3.3 mA
V
CC = 4.5 V
HCNW4504
0.2
0.4
TA = 25°CIO = 3.6 mA
0.5
IO = 3.0 mA
Logic High
IOH
0.003
0.5
µAT
A = 25°CVO = VCC = 5.5 V
IF = 0 mA
5
Output Current
0.01
1
TA = 25°CVO = VCC = 15 V
50
Logic Low
ICCL
50
200
µAI
F = 16 mA, VO = Open, VCC = 15 V
12
Supply Current
Logic High
ICCH
0.02
1
µAT
A = 25°CIF = 0 mA, VO = Open,
12
Supply Current
2
VCC = 15 V
Input Forward
VF
HCPL-4504
1.5
1.7
V
TA = 25°CIF = 16 mA
3
Voltage
HCPL-0454
1.8
HCNW4504
1.45
1.59
1.85
TA = 25°CIF = 16 mA
1.35
1.95
Input Reverse
BVR
HCPL-4504
5
V
IR = 10 µA
Breakdown
HCPL-0454
Voltage
HCNW4504
3
IR = 100 µA, TA = 25°C
Temperature
∆V
F
HCPL-4504
-1.6
mV/
°CI
F = 16 mA
Coefficient of
∆T
A
HCPL-0454
Forward Voltage
HCNW4504
-1.4
Input
CIN
HCPL-4504
60
pF
f = 1 MHz, VF = 0 V
Capacitance
HCPL-0454
HCNW4504
70
*All typicals at TA = 25°C.
Electrical Specifications (DC)
Over recommended temperature (TA = 0°C to 70°C) unless otherwise specified. See note 12.


Similar Part No. - HCPL0454

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Similar Description - HCPL0454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504 AVAGO-HCPL-4504 Datasheet
416Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com