Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL4503 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL4503
Description  Single Channel, High Speed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4503 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL4503 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL4503 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Figure 9. Thermal Derating Curve, Dependence of Safety Limiting Value with Case Temperature per IEC/EN/DIN EN 60747-5-2.
Figure 8. Small-Signal Current Transfer Ratio vs. Quiescent Input Current.
Figure 7. Logic High Output Current vs. Temperature.
TA – TEMPERATURE – °C
I = 0
V = V
= 5.0 V
CC
O
F
-50
-25
0
+25
+50 +75 +100
10+4
10-2
10-1
100
10+1
10+2
10+3
-75
8 PIN DIP, SO-8
TA – TEMPERATURE – °C
-60
-20
0
20
40
100
10
0
10
+1
10
+2
10
+3
-40
80
60
I = 0
V = V
= 15 V
CC
O
F
WIDEBODY
0
0.10
0.20
0.30
0
IF – QUIESCENT INPUT CURRENT – mA
25
16
4
8
12
20
TA = 25°C, RL = 100 Ω, VCC = 5 V
8 PIN DIP, SO-8
0
0.10
0.30
0
4
8
12
16
25
0.20
0.40
20
0.50
IF – QUIESCENT INPUT CURRENT – mA
TA = 25°C, RL = 100 Ω, VCC = 5 V
WIDEBODY
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
175
HCPL-4503 OPTION 060
0
0
TS – CASE TEMPERATURE – °C
175
1000
50
400
125
25
75
100
150
600
800
200
100
300
500
700
900
PS (mW)
IS (mA)
HCNW135/6, HCNW4502/3


Similar Part No. - HCPL4503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
565Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
   Single Channel, High Speed Optocouplers TTL compatible
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com