Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA6623C Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATA6623C
Description  LIN Bus Transceiver with Integrated Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623C Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATA6623C_14 Datasheet HTML 13Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 14Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 15Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 16Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 17Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 18Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 19Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 20Page - ATMEL Corporation ATA6623C_14 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
ATA6623C/ATA6625C [DATASHEET]
4957L–AUTO–09/14
10.4
TXD dominant time out
time
VTXD = 0V
TXD
tdom
6
13
20
ms
A
10.5
Time delay for mode
change from silent
mode into normal mode
via EN
VEN = 5V
EN
ts_n
5
15
40
µs
A
10.6
Duty cycle 1
THRec(max) = 0.744 × VS
THDom(max) = 0.581 × VS
VS = 7.0V to 18V
tBit = 50µs
D1 = tbus_rec(min)/(2 × tBit)
LIN
D1
0.396
A
10.7
Duty cycle 2
THRec(min) = 0.422 × VS
THDom(min) = 0.284 × VS
VS = 7.6V to 18V
tBit = 50µs
D2 = tbus_rec(max)/(2 × tBit)
LIN
D2
0.581
A
10.8
Duty cycle 3
THRec(max) = 0.778 × VS
THDom(max) = 0.616 × VS
VS = 7.0V to 18V
tBit = 96µs
D3 = tbus_rec(min)/(2 × tBit)
LIN
D3
0.417
A
10.9
Duty cycle 4
THRec(min) = 0.389 × VS
THDom(min) = 0.251 × VS
VS = 7.6V to 18V
tBit = 96µs
D4 = tbus_rec(max)/(2 × tBit)
LIN
D4
0.590
A
10.10
Slope time falling and
rising edge at LIN
VS = 7.0V to 18V
LIN
tSLOPE_fall
tSLOPE_rise
3.5
22.5
µs
A
11
Receiver Electrical AC Parameters of the LIN Physical Layer
LIN Receiver, RXD Load Conditions: CRXD = 20pF
11.1
Propagation delay of
receiver Figure 9-1
VS = 7.0V to 18V
trx_pd = max(trx_pdr , trx_pdf)
RXD
trx_pd
6
µs
A
11.2
Symmetry of receiver
propagation delay rising
edge minus falling edge
VS = 7.0V to 18V
trx_sym = trx_pdr – trx_pdf
RXD
trx_sym
–2
+2
µs
A
9.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tj < 150°C; unless otherwise specified all values refer to GND pins.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - ATA6623C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623C ATMEL-ATA6623C Datasheet
704Kb / 24P
   Linear Low-drop Voltage Regulator
More results

Similar Description - ATA6623C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
   lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com