Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5756 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATA5756
Description  UHF ASK/FSK Transmitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5756 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATA5756_14 Datasheet HTML 4Page - ATMEL Corporation ATA5756_14 Datasheet HTML 5Page - ATMEL Corporation ATA5756_14 Datasheet HTML 6Page - ATMEL Corporation ATA5756_14 Datasheet HTML 7Page - ATMEL Corporation ATA5756_14 Datasheet HTML 8Page - ATMEL Corporation ATA5756_14 Datasheet HTML 9Page - ATMEL Corporation ATA5756_14 Datasheet HTML 10Page - ATMEL Corporation ATA5756_14 Datasheet HTML 11Page - ATMEL Corporation ATA5756_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ATA5756/ATA5757 [DATASHEET]
4702L–RKE–03/14
8
4.2
Transmission with ENABLE = High
4.2.1
FSK Mode
The Atmel® ATA5756/ATA5757 is activated by ENABLE = High, FSK = High and ASK = Low. The microcontroller is then
switched to external clocking. After typically 0.6ms, the CLK driver is activated automatically (i.e., the microcontroller waits
until the XTO and CLK are ready). After another time period of ≤ 50µs, the PLL is locked and ready to transmit. The power
amplifier is switched on with ASK = H. The Atmel ATA5756/ATA5757 is then ready for FSK modulation. The microcontroller
starts to switch on and off the capacitor between the crystal load capacitor and GND by means of pin FSK, thus, changing
the reference frequency of the PLL. IF FSK = L the output frequency is lower, if FSK = H output frequency is higher. After
transmission, ASK is switched to Low and the microcontroller returns back to internal clocking. Then, the Atmel
ATA5756/ATA5757 is switched to power-down mode with ENABLE = Low and FSK = Low.
Figure 4-3. Timing FSK Mode with ENABLE Connected to the Microcontroller
4.2.2
ASK Mode
The Atmel® ATA5756/ATA5757 is activated by ENABLE = High, FSK = High and ASK = Low. After activation the
microcontroller is switched to external clocking. After typically 0.6ms, the CLK driver is activated automatically (the
microcontroller waits until the XTO and CLK are ready). After another time period of ≤ 50 µs, the PLL is locked and ready to
transmit. The output power can then be modulated by means of pin ASK. After transmission, ASK is switched to Low and the
microcontroller returns back to internal clocking. Then, the Atmel ATA5756/ATA5757 is switched to power-down mode with
ENABLE = Low and FSK = Low.
Figure 4-4. Timing ASK Mode with ENABLE Connected to the Microcontroller
ΔT
XTO
> 250µs
FSK
ENABLE
ASK
Power-down
Power-down
Power-up,
PA off
Power-up,
PA on
(fRF = High)
Power-up,
PA off
(fRF = Low)
CLK
ΔT
XTO
> 250µs
FSK
ENABLE
ASK
Power-down
Power-down
Power-up,
PA off
Power-up,
PA on
(High)
Power-up,
PA off
(Low)
CLK


Similar Part No. - ATA5756_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756-6DPY ATMEL-ATA5756-6DPY Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
ATA5756-6DQ ATMEL-ATA5756-6DQ Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
ATA5756-6DQY ATMEL-ATA5756-6DQY Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
More results

Similar Description - ATA5756_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com