Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCI-3E Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # JCI-3E
Description  E-Rated Medium Voltage Fuses for Potential Small Power Trans.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

JCI-3E Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  JCI-3E Datasheet HTML 1Page - Cooper Bussmann, Inc. JCI-3E Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Buss
Maximum
Dimensions (Inches)
Maximum Interrupting Capacity
Catalog No.
Amps
Design Voltage
A
B
C
Construction
Amps (Asym.)
Amps (Sym.)
2400V; E-Rated Fuse; Indicating
JCD-1/2E
.50E
2750V
4.5
0.8
0.63
Single
100,000
63,000
JCD-1E
1.0E
2750V
4.5
0.8
0.63
Single
63,000
40,000
JCD-2E
2.0E
2750V
4.5
0.8
0.63
Single
63,000
40,000
JCD-5E
5.0E
2750V
4.5
0.8
0.63
Single
40,000
25,000
2400/4800V; E-Rated Fuse; Non-Indicating
JCW-1/2E
.5E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
JCW-1E
1E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
JCW-2E
2E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
JCW-3E
3E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
JCW-4E
4E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
JCW-5E
5E
2750V/5500V
7.31
1.56
1.38
Single
60,000
40,000
5500V; E-Rated Fuse; Non-Indicating
JCE-1/2E
.5E
5500V
5.6
0.81
0.63
Single
60,000
50,000
JCE-1E
1E
5500V
5.6
0.81
0.63
Single
60,000
50,000
JCE-2E
2E
5500V
5.6
0.81
0.63
Single
60,000
50,000
JCE-3E
3E
5500V
5.6
0.81
0.63
Single
60,000
50,000
JCE-4E
4E
5500V
5.6
0.81
0.63
Single
60,000
50,000
JCE-5E
5E
5500V
5.6
0.81
0.63
Single
60,000
50,000
4800V; E-Rated Fuse; Indicating
JCQ-3E
3.0E
5500V
9.44
1.6
1.38
Single
130,000
80,000
JCQ-5E
5.0E
5500V
9.44
1.6
1.38
Single
130,000
80,000
JCQ-10E
10.0E
5500V
9.44
1.6
1.38
Single
130,000
80,000
7200V; E-Rated Fuse; Indicating
JCI-3E
3.0E
8300V
12.88
1.6
1.38
Single
130,000
80,000
JCI-5E
5.0E
8300V
12.88
1.6
1.38
Single
130,000
80,000
JCI-10E
10.0E
8300V
12.88
1.6
1.38
Single
130,000
80,000
14,400V; E-Rated Fuse; Indicating
JCT-3E
3.0E
15500V
17.5
1.6
1.38
Single
130,000
80,000
JCT-5E
5.0E
15500V
17.5
1.6
1.38
Single
130,000
80,000
JCT-10E
10.0E
15500V
17.5
1.6
1.38
Single
130,000
80,000
Fuse clip for 1.6” Diameter Fuses - 1A0835
Fuse clip for 0.81” Diameter Fuses - 1A1837
B
C
A
Dimensional Data
© 2011 Cooper Bussmann
www.cooperbussmann.com
1211 BU-SB02090
Page 2 of 2
Data Sheet 6002
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - JCI-3E

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCIQ-176D MINI-JCIQ-176D Datasheet
175Kb / 1P
   I&Q Demodulator
JCIQ-176D++ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
   I&Q Demodulator
JCIQ-176M MINI-JCIQ-176M Datasheet
162Kb / 1P
   I&Q Modulator
JCIQ-176M++ MINI-JCIQ-176M+ Datasheet
162Kb / 1P
   I&Q Modulator
JCIQ-88M MINI-JCIQ-88M Datasheet
286Kb / 1P
   I&Q Modulator
More results

Similar Description - JCI-3E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3E-4PT-6 LITTELFUSE-3E-4PT-6 Datasheet
348Kb / 1P
   E Rated Potential Transformer Fuses
logo
Cooper Bussmann, Inc.
2NCLPT-1E COOPER-2NCLPT-1E Datasheet
9Mb / 72P
   PT Medium voltage fuses for potential and small power transformers
logo
Eaton All Rights Reserv...
PT EATON-PT_18 Datasheet
10Mb / 68P
   PT Medium voltage fuses for potential and small power transformers
logo
Littelfuse
10E-1C-2.75 LITTELFUSE-10E-1C-2.75 Datasheet
384Kb / 5P
   E Rated Medium Voltage Fuses
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com