Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT97SC3204 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT97SC3204 Datasheet(HTML) 6 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Atmel AT97SC3204 LPC Interface [SUMMARY DATASHEET]
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
4.2
40ML1 — 40-pad VQFN
DRAWING NO.
REV.
TITLE
GPC
Package Drawing Contact:
packagedrawings@atmel.com
40ML1
D
09/23/11
40ML1, 40-pad 6.0 x 6.0x0.9 mm Body, 0.50 mm
pitch, Very-Thin Quad Flat No Lead Package
(VQFN) Punched
ZJI
A1
A3
A
A2
0
Side View
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-220, Variation WJJD-2, for proper dimensions,
tolerances, datums, etc.
2. Dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. If the
terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area.
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
6.00 BSC
E
6.00 BSC
D2
4.10
4.30
4.40
E2
4.10
4.30
4.40
A
-
0.85
0.90
A1
0.0
0.01
0.05
A2
-
0.65
0.70
A3
0.20 REF
L
0.30
0.40
0.50
e
0.50 BSC
b
0.18
0.23
0.30
2
D
E
Top View
N
2
3
1
Pin 1 Indicator
L
PIN1 ID
b
D2
3
2
1
e
Bottom View
E2
A
B
C
0.05
2X
C
0.10
0.10
2X
B
A
C
C
0.10 C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn