Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT97SC3204 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT97SC3204 Datasheet(HTML) 5 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Atmel AT97SC3204 LPC Interface [SUMMARY DATASHEET]
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
4.
Package Drawings
4.1
28X1 — 28-lead Thin TSSOP
TITLE
28X1, 28-lead, 4.4mm Body Width, Plastic Thin
Shrink Small Outline Package (TSSOP)
GPC
TFL
DRAWING NO.
28X1
REV.
A
e
D
15
14
28
1
C
END VIEW
SEE DETAIL "A"
C
L
DETAIL 'A'
0.25
L
(12° REF)
(12° REF)
(1.00 REF)
R1
R
S
TOP VIEW
(0°~8°)
2X N/2 TIPS
d 0.20 C B A
B
D
A
A1
A2
SIDE VIEW
SEATING
PLANE
d 0.10 C
j n 0.10 m CB A
28X b
A
SYMBOL
MIN
NOM
MAX
NOTE
A
A1
b
D
E
E1
e
L
COMMON DIMENSIONS
(UNIT OF MEASURE=MM)
-
0.05
0.19
-
-
6.40BSC
1.10
0.15
0.30
1
A2
0.85
0.90
0.95
-
c
0.09
0.20
-
9.60
9.80
9.70
4.30
4.40
4.50
0.45
0.60
0.75
0.65 BSC
1
2
R1
S
R
0.09
-
-
0.09
-
-
0.20
-
-
Note:
2. Dimension D does not include mold flash, protrusions or gate burrs. Mold
flash,protrusions or gate burrs shall not exceed 0.15mm per end. Dimension E1
does not include interlead flash or protrusion. Interlead flash or protrusion
shall not exceed 0.25mm per side.
3. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion
shall be 0.08mm total in excess of the "b" dimension at maximum material
condition. Minimum space between protrusion and adjacent lead is 0.07mm.
1. Refer to JEDEC drawing MO-153,variation AE
7/8/2011
Package Drawing Contact:
packagedrawings@atmel.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn