Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT97SC3204 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT97SC3204 Datasheet(HTML) 4 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Atmel AT97SC3204 LPC Interface [SUMMARY DATASHEET]
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
3.
Ordering Information
Note:
1. Please see the AT97SC3204 datasheet addendum for the complete catalog number ordering code.
Atmel Ordering Code
Package
Operating Range
AT97SC3204(1)
28X1 (28-pin thin TSSOP)
Lead-free, RoHS
Commercial (0°C to 70°C)
Industrial (-40°C to 85°C)
AT97SC3204(1)
40ML1 (40-pin QFN)
Package Type
28X1
28-lead, 4.4mm body width, Plastic Thin Shrink Small Outline (thin TSSOP)
40ML1
40-pad 6.0 x 6.0x0.9mm body, 0.50mm pitch, Very-thin Quad Flat No Lead (VQFN)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn