Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT97SC3204 Datasheet(PDF) 2 Page - ATMEL Corporation

Part No. AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT97SC3204 Datasheet(HTML) 2 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Atmel AT97SC3204 LPC Interface [SUMMARY DATASHEET]
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
1.
Pin Configurations and Pinouts
Table 1-1.
Pin Configurations
Table 1-2.
Pinouts
Pin name
Function
VCC
3.3V Supply Voltage
SB3V
Standby 3.3V Supply Voltage
GND
Ground
LRESET#
PCI Reset Input Active Low
LAD0
LPC Command, Address, Data Line Input/Output
LAD1
LPC Command, Address, Data Line Input/Output
LAD2
LPC Command, Address, Data Line Input/Output
LAD3
LPC Command, Address, Data Line Input/Output
LCLK
33MHz PCI Clock Input
LFRAME#
LPC FRAME Input
CLKRUN#
PCI Clock Run Input/Output
LPCPD#
LPC Power-Down Input
SERIRQ
Serialized Interrupt Request Input/Output
GPIO-Express-00
GPIO assigned to TPM_NV_INDEX_GPIO_00
TestI
Test Input (Disabled)
TestBI
Test Input (Disabled)
ATest
Atmel Test Pin
NC
No Connect
NBO
Not Bounded Out
40-pin QFN
6.0mm x 6.0mm Body
0.50mm Pitch
ATest
GND
SB3V
GPIO-Express-00
NC
TestI
TestBI
V
CC
GND
NBO
LAD0
GND
V
CC
LAD1
LFRAME#
LCLK
LAD2
V
CC
GND
LAD3
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
ATest
ATest
ATest
GND
SB3V
GPIO-Express-00
NC
TestI
TestBI
V
CC
GND
NBO
NBO
NBO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LPCPD#
SERIRQ
LAD0
GND
V
CC
LAD1
LFRAME#
LCLK
LAD2
V
CC
GND
LAD3
LRESET#
CLKRUN#
28-pin TSSOP
4.4mm x 9.7mm Body
0.65mm Pitch
28-pin TSSOP
6.1mm x 9.7mm Body
0.65mm Pitch


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn