Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT97SC3204 Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT97SC3204
Description  Trusted Platform Module LPC Interface
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT97SC3204 Datasheet(HTML) 1 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is a summary document.
The complete document is
available under NDA. For more
information, please contact
your local Atmel sales office.
Atmel-5295ES-TPM-AT97SC3204-LPC-Interface-Datasheet-Summary-032013
Features
Fully compliant to the Trusted Computing Group (TCG) Trusted Platform Module
(TPM) version 1.2 specification
Compliant with TCG PC client-specific TPM Interface Specification (TIS) version 1.2
Single-chip, turnkey solution
Hardware asymmetric crypto engine
Atmel® AVR® RISC microprocessor
Internal EEPROM storage for RSA keys
33MHz Low Pin Count (LPC) bus for easy PC interface
Secure hardware and firmware design and chip layout
Internal, high-quality Random Number Generator (RNG) – FIPS 140-2 compliant
NV storage space for 1756 bytes of user defined data
3.3V supply voltage
28-lead thin TSSOP, 28-lead wide TSSOP, or 40-pad QFN packages
Offered in both commercial (0 to 70°C) and industrial (-40 to +85°C)
temperature ranges
Description
The Atmel AT97SC3204 is a fully integrated security module designed to be integrated
into personal computers and other embedded systems. It implements version 1.2 of the
Trusted Computing Group (TCG) specification for Trusted Platform Modules (TPM).
The TPM includes a cryptographic accelerator capable of computing a 2048-bit RSA
signature in 200ms and a 1024-bit RSA signature in 40ms. Performance of the SHA-1
accelerator is 20μs per 64-byte block.
The chip communicates with the PC through the LPC interface. The TPM supports
SIRQ (for interrupts) and CLKRUN to permit clock stopping for power savings in mobile
computers.
Atmel AT97SC3204
Trusted Platform Module LPC Interface
SUMMARY DATASHEET


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn