Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2581L1 Datasheet(PDF) 2 Page - NEC

Part No. PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

PS2581L1 Datasheet(HTML) 2 Page - NEC

  PS2581L1 Datasheet HTML 1Page - NEC PS2581L1 Datasheet HTML 2Page - NEC PS2581L1 Datasheet HTML 3Page - NEC PS2581L1 Datasheet HTML 4Page - NEC PS2581L1 Datasheet HTML 5Page - NEC PS2581L1 Datasheet HTML 6Page - NEC PS2581L1 Datasheet HTML 7Page - NEC PS2581L1 Datasheet HTML 8Page - NEC PS2581L1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS2581L1,PS2581L2
PACKAGE DIMENSIONS (in millimeters)
PS2581L1
PS2581L2
4.6±0.35
1.0±0.2
4.6±0.35
1.0±0.2
1
2
3
4
1. Anode
2. Cathode
3. Emitter
4. Collector
TOP VIEW
1
2
3
4
1. Anode
2. Cathode
3. Emitter
4. Collector
TOP VIEW
1.25±0.15
0.25 M
2.54
1.25±0.15
0.50±0.1
0.25 M
2.54
7.62
10.16
12.0 MAX.
0.9±0.25
0 to 15˚
7.62
10.16
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
8 mm
Outer Creepage Distance
8 mm
Inner Creepage Distance
4 mm
Isolation Thickness
0.4 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn