Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2581L1 Datasheet(PDF) 6 Page - NEC

Part No. PS2581L1
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

PS2581L1 Datasheet(HTML) 6 Page - NEC

Back Button PS2581L1 Datasheet HTML 2Page - NEC PS2581L1 Datasheet HTML 3Page - NEC PS2581L1 Datasheet HTML 4Page - NEC PS2581L1 Datasheet HTML 5Page - NEC PS2581L1 Datasheet HTML 6Page - NEC PS2581L1 Datasheet HTML 7Page - NEC PS2581L1 Datasheet HTML 8Page - NEC PS2581L1 Datasheet HTML 9Page - NEC PS2581L1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS2581L1,PS2581L2
1.2
–50
1.0
0.8
0.6
0.4
0.2
0
–25
0
25
50
75
100
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,,,,,,,,,
450
400
350
300
250
200
150
100
50
0
0.05 0.1
0.5
1
5
10
50
50
10
1
0.1
10 k
5 k
1 k
500
100
50
10
IC = 2 mA,
VCC = 10 V,
CTR = 290 %
1 000
100
10
1
100 k
50 k
10 k
5 k
1 k
500
100
IF = 5 mA,
VCC = 5 V,
CTR = 290 %
ts
td
tr
tf
0
–5
–10
–15
–20
0.5
1
2
5
10 20
50 100 200 500
IF = 5 mA,
VCE = 5 V
tf
tr
td
ts
100
300
RL = 1 k
Forward Current IF (mA)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
Frequency f (kHz)
Time (Hr)
Load Resistance RL (
Ω)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
LONG TERM CTR DEGRADATION
IF = 5 mA
TA = 25 ˚C
IF = 5 mA
TA = 60 ˚C
TYP.
1.2
1.0
0.8
0.6
0.4
0.2
0
102
103
104
105
Remark The graphs indicate nominal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn