Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBSW-8000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HBSW-8000
Description  Hewlett-Packard SmartWand Bar Code Reader
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBSW-8000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4-67
decoding algorithm. The
SmartWands are also very
suitable for portable computer or
terminal applications due to its
low current draw.
Visual Feedback LED
The SmartWand Readers with
polycarbonate-cases have an easy-
to-see Feedback LED near the
scanner tip that acknowledges a
good read. This is useful in a
noisy environment or where
silence is required. Since the
state of the LED can be controlled
by escape sequences, the host
processor can turn the LED on or
off at any time.
SmartWand Reader
Configuration
The SmartWand Reader can be
configured by scanning special
bar code labels or by receiving
escape sequence commands from
the host. This allows decoding
options and interface protocols to
be tailored to a specific applica-
tion. Configuration labels and a
list of escape sequences are
printed in the SmartWand User’s
Manual (P/N: HBSW-8997). The
SmartWand Reader can display
its current configuration on the
host’s screen. See sample.
Programmable Features
Bar code selection and
decoding options
Check character verification
and transmission
Serial port parameters and I/O
protocols
Message editing
Header and terminators
LED operator feedback
Label length checking
No Read recognition
Digital wand Code 39 emulation
Configuration Display
Wand Specifications
Scan Speed ......... 7.6 to 127 cm/s
(3 to 50 in/s)
Tilt Angle ....................... 5
° to 40°
Minimum Contrast ............... 45%
Color ................................... Black
Wand Diameter ... 23 mm (0.9 in)
Wand Length .... 160 mm (6.3 in)
Weight:
Aluminum .......... 153 g (5.4 oz)
Polycarbonate ... 140 g (4.9 oz)
Tip ................................ Sapphire
Environmental
Temperature:
Operating:
-20
°C to 70°C (-4°F to 158°F)
Storage:
-40
°C to 70°C (-40°F to 158°F)
Humidity (Non-condensing):
95% at 40
°C (104°F) max.
Ambient Light:
100,000 lux (maximum)
Rain:
MIL-STD-810, Method 506,
Procedure II (Polycarbonate)
Dust:
MIL-STD-810, Method 510
Shock:
Ten drops to sealed concrete
(random orientation) from
1.2 m (4 ft)


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A8351601Bar Code Reader 1 2 3 4 5 MoreAMIC Technology
HBCS-7100Industrial Digital Bar Code Slot Reader 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
CXD1132QC-MOS TIME CODE GENERATOR / READER 1 2 3 4 List of Unclassifed Manufacturers
HBCC-0500Low Current Bar Code Digitizer IC 1 2 3 4 Agilent(Hewlett-Packard)
HBCR-1610Single Chip Bar Code Decode IC 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCR-2210Programmable Bar Code Decode ICs 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCS-A000Low Current Digital Bar Code Wand 1 2 3 4 Agilent(Hewlett-Packard)
BA6800AFFluorescent display tube level meter driver 16-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn