Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBSW-8000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HBSW-8000
Description  Hewlett-Packard SmartWand Bar Code Reader
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBSW-8000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-70
Ordering Information
LED
Part Number
Housing
Resolution
Wavelength
HBSW-8000*
Polycarbonate
Low –
655 nm
HBSW-8100*
Metal
0.33 mm (0.013 in)
HBSW-8200
Polycarbonate
Medium –
655 nm
HBSW-8300
Metal
0.19 mm (0.0075 in)
HBSW-8400*
Polycarbonate
High –
820 nm
HBSW-8500*
Metal
0.13 mm (0.005 in)
* Low and High Resolution SmartWand Readers are built to order devices.
Warranty and Service
The Hewlett-Packard SmartWand
Bar Code Reader is warranted for
a period of one year from date of
purchase covering defects in
material and workmanship.
Hewlett-Packard will repair or, at
its option, replace products that
prove to be defective in material
or workmanship under proper use
during the warranty period.
HEWLETT-PACKARD MAKES NO
WARRANTY OF ANY KIND WITH
REGARD TO THIS MATERIAL,
INCLUDING, BUT NOT LIMITED
TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND
FITNESS FOR A PARTICULAR
PURPOSE.
SmartWand Kits
HBSW-8205 - Polycarbonate SmartWand Kit
Includes:
HBSW-8200 General Purpose Reader
HBSW-8997 User’s Manual
HBCS-2998 Black Wand Holder
HBSW-8305 - Metal SmartWand Kit
Includes:
HBSW-8300 General Purpose Reader
HBSW-8997 User’s Manual
HBCS-2998 Black Wand Holder
SmartWand Accessory Part Numbers
HBSW-8997
User’s Manual
HBCS-2998
Wand Holder (black polycarbonate )
HBSW-8991
Replacement Polycarbonate Case with LED Window
and Tip
HBCS-4999
Replacement Tip for Metal Case
HBCS-A990
Plastic Case Replacement Tool


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A8351601Bar Code Reader 1 2 3 4 5 MoreAMIC Technology
HBCS-7100Industrial Digital Bar Code Slot Reader 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
CXD1132QC-MOS TIME CODE GENERATOR / READER 1 2 3 4 List of Unclassifed Manufacturers
HBCC-0500Low Current Bar Code Digitizer IC 1 2 3 4 Agilent(Hewlett-Packard)
HBCR-1610Single Chip Bar Code Decode IC 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCR-2210Programmable Bar Code Decode ICs 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HBCS-A000Low Current Digital Bar Code Wand 1 2 3 4 Agilent(Hewlett-Packard)
BA6800AFFluorescent display tube level meter driver 16-point x 2 channel VU scale bar display 1 2 3 4 5 MoreRohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn