Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-A998 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. HBCS-A998
Description  Bar Code Reader Tips and Optical Nest Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-A998 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-31
Tip Selection Guide and Specifications
Polycarbonate Tips
Metal Tips
HBCS-A998
HBCS-A999
HBCS-2999
HBCS-4999
HBCS-T999*
ESD Isolation
15 kV
Not Applicable
Overall Length
18.4 mm
18.3 mm
15.9 mm
15.7 mm
14.6 mm
(0.725 in.)
(0.721 in.)
(0.625 in.)
(0.620 in.)
(0.576 in.)
Thread Engagement
2.5 mm
4.4 mm
2.5 mm
4.4 mm
3.8 mm
(0.098 in.)
(0.172 in.)
(0.098 in.)
(0.172 in)
(0.151 in.)
Thread
7/16-28 UNEF
12 mm x 1.0
Outer Diameter
12.3 mm
13.2 mm
12.3 mm
13.2 mm
12.7 mm
(0.486 in.)
(0.518 in.)
(0.485 in.)
(0.520 in.)
(0.500 in.)
Compatible HP
HBCC-0500/0600/0601
HBCC-0500
Digitizer ICs
Compatible HP Bar
Custom Applications**
HBCS-2XXX
HBCS-6XXX
HBCS-TXXX
Code Wands
HBCS-8XXX
Compatible HP Bar
HBCS-1100, HEDS-1200/1300/1500, HBCC-1570/1580/1590
Code Sensors
*HBCS-T999 has a stainless steel outer covering with plastic on the inside. The threads on this tip have a flat top.
**The HBCS-A998/A999 tip is an integral part of the case design of the HBCS-AXXX bar code wands.


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn