Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-A998 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HBCS-A998
Description  Bar Code Reader Tips and Optical Nest Assembly
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-A998 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-30
5965-5949E
Bar Code Reader Tips and
Optical Nest Assembly
Technical Data
HBCS-A998 HBCS-4999
HBCS-A999 HBCS-T999
HBCS-2999
HBCS-A995
Features
• Rugged Sapphire Front End
• Enclosure Options:
Polycarbonate, Anodized
Aluminum, or Stainless Steel
• 15 kV ESD Isolation for
Polycarbonate Tips
• Compatible with HP Bar
Code Wands and Sensors
• Self Cleaning
• Long Service Life
• External Threads
Bar Code Reader Tips
Description
Hewlett-Packard offers a range of
tips to be used in conjunction
with HP optical reflective sensors
and as replacement tips for the
HP family of wand products. This
combination results in a high
performance optical system,
which is unique in its size and
precision. In addition to their
optical performance, the tips
protect the sensors and act as
mechanical holders. With a
rugged sapphire front end, these
tips are generally self cleaning
and should last for many years
under normal use.
All tips have an internal reference
ledge that positions the sensors
so that the maximum signal point
(MSP) occurs at the correct
position, making the tips suitable
for contact scanning.
HBCS-2999 Tip
HBCS-A995 Optical Nest Assembly
HBCS-T999 Tip
HBCS-4999 Tip
HBCS-A995 Bar Code
Reader Optical Nest
Assembly
HP also offers the HBCS-A995
bar code reader optical nest
assembly for custom applications.
This device consists of a rugged
sapphire ball bonded to a trans-
parent polycarbonate assembly .
The HBCS-A995 optical assembly
is an integral part of the HBCS-
A998/A999 tip and HBCS-AXXX
wand construction. The HBCS-
A995 can be bonded to a tip or a
case by either press fitting or
using a suitable adhesive.
Ultrasonic bonding is not
recommended. The HBCS-A995
polycarbonate assembly is UV
opaque and is made of Lexan
303-11103.
HBCS-A999 Tip
HBCS-A998 Tip
H


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn