Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-A000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HBCS-A000
Description  Low Current Digital Bar Code Wand
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-A000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4-73
Electrical Operation
The HBCS-A000 series digital bar
code wands consist of a precision
optical sensor and an electronic
circuit that creates a digital
output of the bar code pattern.
The open collector transistor
requires only a pull-up resistor to
provide a TTL compatible output.
A non-reflecting black bar results
in a logic high (1) level output,
while a reflecting white space will
cause a logic low (0) level output.
The initial state will be indeter-
minate. However, if no bar code
is scanned, after a short period,
(typically less than 1 second), the
wand will assume a logic low
state.
The wands provide a case, cable
and connector shield which must
be terminated to logic ground, or
preferably, to both logic ground
and earth ground. The shield is
connected to the metal housing of
the 5 pin DIN connector.
Certification
FCC Certification (US Only)
Hewlett-Packard products have
received FCC certification for its
standard configuration only. Any
customer purchasing the product
with stripped and tinned leads or
a connector without adequate
shielding has the responsibility to
comply with FCC regulations.
Moreover, if the Hewlett-Packard
Low Current Bar Code Wands are
purchased without a connector,
the product becomes defined as a
subassembly and the FCC identi-
fication number no longer applies.
Hewlett-Packard assumes no
responsibility or liability for users
of the Hewlett Packard Low
Current Digital Bar Code Wands
without connectors that fail to
comply with FCC regulations.
This equipment complies with
Part 15, Class B, of the FCC
Rules. Operation is subject to the
following two conditions:
l) This equipment may not cause
harmful interference,
2) This equipment must accept
any interference that may
cause undesired operation.
Model
FCC Identification
HBCS-A000 through -A099
FCC ID: B948JAHBCS-A000
HEWLETT-PACKARD
HBCS-A100 through -A199
FCC ID: B948JAHBCS-A000
HEWLETT-PACKARD
HBCS-A200 through -A299
FCC ID: B948JAHBCS-A200
HEWLETT-PACKARD
HBCS-A300 through -A399
FCC ID: B948JAHBCS-A300
HEWLETT-PACKARD
HBCS-A400 through -A499
FCC ID: B948JAHBCS-A400
HEWLETT-PACKARD
HBCS-A500 through -A599
FCC ID: B948JAHBCS-A500
HEWLETT-PACKARD
Warranty and Service
Hewlett-Packard Low Current
Digital Bar Code Wands are
warranted for a period of one
year after purchase covering
defects in material and
workmanship. Hewlett-Packard
will repair, or at its option,
replace products that prove to be
defective in material or
workmanship under proper use
during the warranty period.
NO OTHER WARRANTIES ARE
EXPRESSED OR IMPLIED,
INCLUDING BUT NOT LIMITED
TO THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND
FITNESS FOR A PARTICULAR
PURPOSE. HEWLETT-PACKARD
The CE Mark demonstrates
compliance with EC directives
on EMC.
VCCI Registration: Pending
IS NOT LIABLE FOR CONSE-
QUENTIAL DAMAGES.
For additional warranty or service
information please contact your
local Hewlett-Packard sales
representative or authorized
distributor.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn