Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-A000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HBCS-A000
Description  Low Current Digital Bar Code Wand
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-A000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-71
5965-1520E
Selection Guide
Wand Type
Switched
Unswitched
Typical Resolution
0.33 mm
0.19 mm
0.13 mm
0.33 mm
0.19 mm
0.13 mm
(0.013 in.)
(0.0075 in.)
(0.005 in.)
(0.013 in.)
(0.0075 in.)
(0.005 in.)
LED Wavelength
655 nm
820 nm
655 nm
820 nm
5-Pin DIN
HBCS-A000*
HBCS-A200
HBCS-A400* HBCS-A100*
HBCS-A300
HBCS-A500*
Connector
9-Pin D-Sub
HBCS-A008*
HBCS-A208*
HBCS-A408* HBCS-A108* HBCS-A308* HBCS-A508*
Connector
No connector:
HBCS-A007*
HBCS-A207*
HBCS-A407* HBCS-A107* HBCS-A307* HBCS-A507*
Strip and Tin Leads
Individually Boxed
Order Option #A01 with the above referenced part number. The wand is shipped in a
Wand
“kraft” box, including an HBCS-A000 series data sheet.
*Note: Build to order product only. Minimum stock is available for engineering evaluation purchases.
H
Low Current Digital
Bar Code Wand
Technical Data
HBCS-A000 Series
Features
• Rugged Polycarbonate Case,
Switched or Unswitched
• Ultra Low Continuous
Current Draw
• Available in 3 Resolutions to
Meet a Variety of Scanning
Needs
• High Ambient Light
Rejection–Operates in
Direct Sunlight
• Visible Red (655 nm) and
Infrared (820 nm) Versions
Available
• Scan Angle: 0
° to 45° Typical
• Manufacturing: ISO 9002
Certified
Description
The HBCS-A000 series low
current digital wands are hand
held scanners optimized to
provide excellent scanning of all
common bar code formats. The
patented low current, high
ambient light rejection circuitry is
packaged in a rugged
polycarbonate case.
Available in three resolutions,
these wands are capable of
reading a wide range of bar code
printing. Visible red and infrared
versions are available for reading
a wide range of print types and
colors.
The wands are available with or
without a switch to control the
wand operation.
Applications
The HBCS-A000 series wands are
highly effective alternatives to
keyboard data entry. These
devices are especially designed
for battery powered applications
where low power drain is a
primary concern. In addition to
their low current draw, these
wands are also designed to work
in high ambient light, such as
outdoors or near windows.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn