Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-A000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HBCS-A000
Description  Low Current Digital Bar Code Wand
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-A000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-74
VCC
4.7 k
VCC
10 µF
OUTPUT
GROUND
OUTPUT
GROUND
SHIELD
Wand Dimensions and Connector Configurations
Preferred Orientation
Function
HBCS-AX00 HBCS-AX08 Wire Color
VCC
1
9
Red
Output
2
2
White
Ground
3
7
Black
Shield
Shell
8
Braid
All other pins are N/C
Shield and ground are tied together in the connector.
Note: If the part is purchased with stripped and tinned wires, or if the
connector is removed, the ground and shield wires must be connected
together for proper operation.
TILT ANGLE
10° TO 30°
H
19 (0.8)
23 (0.9)
SWITCH
200 (8)
ALL DIMENSIONS IN MILLIMETERS (INCHES)
160 (6.3)
300 (12)
PRODUCT
IDENTIFICATION
LABEL
9
5
61
HBCS
AX08
3.4
(0.135)
HBCS
AX00
1
2
3
4
5
480 (19)
Preferred Electrical
Connection


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn