Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-7100 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. HBCS-7100
Description  Industrial Digital Bar Code Slot Reader
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-7100 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-77
Electrical Characteristics
TA = 25°C, VS = 4.5 V to 5.5 V (unless specified otherwise)
Parameter
Symbol
Typ.
Max.
Units
Conditions
Notes
Supply Current
IS
56
100
mA
VS = 5.0 V
High Level Output Current
IOH
1.0
µAV
OH = 2.4 V
Low Level Output Voltage
VOL
0.4
V
IOL = 16 mA
Output Rise Time
tr
0.9
5.0
µs
10% - 90% transition
Output Fall Time
tf
0.07
5.0
µs
Electrostatic Discharge Immunity
ESD
25
kV
6
Notes:
1. Measured scanning a symbol with 0.19 mm narrow elements. For larger narrow element widths, the maximum scan speed will
increase proportionally.
2. Contrast is defined as RW-RB where RW is the reflectance of the white spaces and RB is the reflectance of the black bars, measured at
880 nm.
3. Allowable power supply ripple and noise is frequency dependent. See Figure 5.
4. Non-condensing. If there is frost or dew over the optics window, it should be removed for optimal scanning performance.
5. Direct sunlight at any illumination angle.
6. The shield must be properly terminated (See Figure 2). The human body is modeled by discharging a 300 pF capacitor through a
500
Ω resistor. No damage to the slot reader will occur at the specified level.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Notes
Nominal Narrow Element Width
0.19 (0.0075)
mm (in.)
Scan Velocity
Vscan
20 (8)
254 (100)
mm (in.)
1
Contrast
RW-RB
45
%
2
Supply Voltage
VS
4.5
5.5
V
3
Ambient Temperature
TA
-40
+70
°C4
Ambient Light
EV
100,000
lux
5
Absolute Maximum Ratings T
A = 25°C (unless specified otherwise)
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
+80
°C
Supply Voltage
VS
-0.3
+7.0
V
Output Transistor Power
PT
200
mW
Output Collector Voltage
VO
-0.3
+20
V
RL = 1 k


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A8351601Bar Code Reader 1 2 3 4 5 MoreAMIC Technology
HBCS-A000Low Current Digital Bar Code Wand 1 2 3 4 Agilent(Hewlett-Packard)
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
HBSW-8000Hewlett-Packard SmartWand Bar Code Reader 1 2 3 4 5 Agilent(Hewlett-Packard)
IDT72V708403.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V89883.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1 2 3 4 5 MoreIntegrated Device Technology
CXD1132QC-MOS TIME CODE GENERATOR / READER 1 2 3 4 List of Unclassifed Manufacturers
IDT72V89813.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V732733.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V89853.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn