Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-7100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HBCS-7100
Description  Industrial Digital Bar Code Slot Reader
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HBCS-7100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-80
Symbol Placement
The center of the slot reader’s
optical system is located 12.7 mm
(0.50 in.) from the bottom of the
slot. Consequently, bar code
symbols to be read by the slot
reader must be positioned on the
card(s) or document(s) at a
height which insures that all bars
and spaces will cross a line located
12.7 mm from the bottom edge of
the card(s) or document(s). For
optimal performance, all bars and
spaces should cross the area
between 1.14 mm (0.45 in.) and
1.40 mm (0.55 in.) from the
bottom edge.
The bars and spaces should be
perpendicular to the bottom edge,
however, a skew of
± 4 degrees
from the perpendicular is
acceptable.
Maintenance
Considerations
The slot reader and optics module
include a window which is slightly
recessed in order to prevent
direct contact with the bar code
symbol. This reduces the wear on
both the window and the symbol.
The window may become dirty
over a period of time. If this
occurs, clean the window with a
commercial glass cleaner.
Testing
All Hewlett-Packard slot readers
are 100% tested for performance
and digitizing accuracy after
manufacture. This insures a
consistent quality product. More
information about Hewlett-
Packard’s test procedures, test set
up, and test limits are available on
request.
Optional Features
For options such as special cables
or connectors, contact your
nearest Hewlett-Packard sales
office or authorized
representative.
Warranty and Service
Hewlett Packard Slot Readers are
warranted for a period of one year
after purchase covering defects in
material and workmanship.
Hewlett-Packard will repair or, at
its option, replace products that
prove to be defective in material
or workmanship under proper use
during the warranty period.
NO OTHER WARRANTIES ARE
EXPRESSED OR IMPLIED,
INCLUDING BUT NOT LIMITED
TO THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND
FITNESS FOR A PARTICULAR
PURPOSE. HEWLETT-PACKARD
IS NOT LIABLE FOR
CONSEQUENTIAL DAMAGES.
For additional warranty or service
information, please contact your
local Hewlett-Packard sales
representative or authorized
distributor.


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A8351601Bar Code Reader 1 2 3 4 5 MoreAMIC Technology
HBCS-A000Low Current Digital Bar Code Wand 1 2 3 4 Agilent(Hewlett-Packard)
HBCS-A998Bar Code Reader Tips and Optical Nest Assembly 1 2 3 Agilent(Hewlett-Packard)
HBSW-8000Hewlett-Packard SmartWand Bar Code Reader 1 2 3 4 5 Agilent(Hewlett-Packard)
IDT72V708403.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V89883.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1 2 3 4 5 MoreIntegrated Device Technology
CXD1132QC-MOS TIME CODE GENERATOR / READER 1 2 3 4 List of Unclassifed Manufacturers
IDT72V89813.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V732733.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1 2 3 4 5 MoreIntegrated Device Technology
IDT72V89853.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn