Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HBCS-7100 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HBCS-7100
Description  Industrial Digital Bar Code Slot Reader
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCS-7100 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HBCS-7100 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCS-7100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCS-7100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBCS-7100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBCS-7100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBCS-7100 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-78
VS
VO
GND
SHIELD
10 k
10 µF
VS
VO
GND
Interface Specifications
The slot reader has two different
standard connectors: a 5 pin, 240
metal locking DIN; or a 9 pin
female D-sub squeeze to release.
The recommended interface is
shown in Figure 2. The mechani-
cal specifications for the 5 pin
DIN are shown in Figure 3. The
mechanical specifications for the
9 pin D-sub are shown in
Figure 4.
Pinout
5 pin
9 pin
Function
DIN
D-sub
VS
19
Output
2
2
Ground
4
7
Shield
Case
8
No Connect
3,5
1,3,4,5,6
Wire Color
Function
Color
VS
Red
Output
Yellow/White
Ground
Black
Shield
Braid
PIN 9
PIN 5
PIN 6
PIN 1
9 PIN D-SUB FEMALE CONNECTOR
PSRR Performance
Figure 5. Ripple Noise Needed to Switch Output.
Shield and ground are tied together in the connector.
The CE Mark demonstrates
compliance with EC directives on
EMC.
Figure 2. Recommended Interface.
Figure 3. Connector Configuration for HBCS-71X0.
1
2
3
4
5
Figure 4. Connector Configuration for HBCS-71X8.
Note: If the part is purchased with stripped and tinned wires, or if the connector is removed,
the ground and shield wires must be connected together for proper operation.
96
40
10000
1
FREQUENCY – KHz
1000
1E+
06
100
100
0
500
00
10
80 100 200 500 800
200
0
500
0
800
0
100
00
200
00
800
00
1E+
05
2E+
05
5E+
05
8E+
05


Similar Part No. - HBCS-7100

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-1100 HP-HBCS-1100 Datasheet
190Kb / 7P
   High Resolution Optical Reflective Sensor
HBCS-2999 HP-HBCS-2999 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
HBCS-4999 HP-HBCS-4999 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
HBCS-A000 HP-HBCS-A000 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
HBCS-A007 HP-HBCS-A007 Datasheet
178Kb / 4P
   Low Current Digital Bar Code Wand
More results

Similar Description - HBCS-7100

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A8351601 AMICC-A8351601 Datasheet
439Kb / 44P
   Bar Code Reader
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz