Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBCR-2210 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HBCR-2210
Description  Programmable Bar Code Decode ICs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBCR-2210 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HBCR-2210 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBCR-2210 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4-50
Table 1. Ordering Information
Part Number
Description
HBCR-2210
CMOS, 40 pin DIP, bulk ship, no manual
HBCR-2211
CMOS, 44 pin PLCC, bulk ship, no manual
OPT A01
IC individually boxed with manual and data sheet
HBCR-2297
HBCR-2210 Series Users Manual
Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Units
Notes
Supply Voltage
VCC
4.0
6.0
V
1
Ambient Temperature
TA
-40
+85
°C
Crystal Frequency
XTAL
0 (DC)
11.059
MHz
2
Element Time Interval
ETIM
13
555
µs
2, 3, 4
(Moving Beam)
Element Time Interval
ETIC
50
71000
µs
3, 4
(Contact Scanner)
Notes:
1. Maximum power supply ripple of 100 mV peak to peak.
2. The HBCR-2210 series uses a 11.059 MHz crystal. For different crystal frequencies. multiply the specified baud rate and beeper
frequencies by (crystal frequency/11.059 MHz) and multiply the element time interval ranges by (11.059 MHz/crystal frequency).
3. At the specified crystal frequency.
4. Corresponds to a scan rate of 35 to 45 scans per second.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-55
+150
°C
Supply Voltage
VCC
-0.5
+7.0
V
5
Pin Voltage
VIN
-0.5
VCC + 0.5
V
5, 6
Notes:
5. TA = 25°C.
6. Voltage on any pin with respect to ground.
opened except in a static free
environment.
Manuals
The decode IC Users Manual
covers the following topics:
• Data output formats
• I/O interfaces
• Laser input timing diagrams
• Escape sequence syntax and
functionality
• Example schematics
• All configurable options
• Bar code menus
• Scanner positioning and tilt
• Sample bar code symbols
• Appendices describing bar code
symbologies


Similar Part No. - HBCR-2210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1611 HP-HBCR-1611 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1612 HP-HBCR-1612 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
HBCR-1697 HP-HBCR-1697 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
More results

Similar Description - HBCR-2210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
   Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com