Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2534L-1-F4 Datasheet(PDF) 8 Page - NEC

Part # PS2534L-1-F4
Description  HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2534L-1-F4 Datasheet(HTML) 8 Page - NEC

Back Button PS2534L-1-F4 Datasheet HTML 4Page - NEC PS2534L-1-F4 Datasheet HTML 5Page - NEC PS2534L-1-F4 Datasheet HTML 6Page - NEC PS2534L-1-F4 Datasheet HTML 7Page - NEC PS2534L-1-F4 Datasheet HTML 8Page - NEC PS2534L-1-F4 Datasheet HTML 9Page - NEC PS2534L-1-F4 Datasheet HTML 10Page - NEC PS2534L-1-F4 Datasheet HTML 11Page - NEC PS2534L-1-F4 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet P14066EJ2V0DS00
8
PS2534-1,-2,-4,PS2534L-1,-2,-4,PS2535-1,-2,-4,PS2535L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
–50
–25
0
25
50
75
100
10 000
100 000
1 000
100
10
1
25
50
75
100
100
80
60
40
20
0
0.7 mW/˚C
0.55 mW/˚C
PS2534-1
PS2535-1
PS2534-2, -4
PS2535-2, -4
1.6 mW/˚C
2.0 mW/˚C
PS2534-1
PS2535-1
PS2534-2, -4
PS2535-2, -4
25
50
75
100
120
140
160
180
200
220
240
100
80
60
40
20
0
100
50
10
5
1
0.5
0.1
0.7
0.9
1.1
1.3
1.5
0.8
1.0
1.2
1.4
0 ˚C
–25 ˚C
–50 ˚C
TA = +100 ˚C
+60 ˚C
+25 ˚C
12
3
4
5
100
50
10
5
1
0
1 mA
5 mA
3 mA
2 mA
IF = 0.5 mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
50
10
5
1
TRANSISTOR POWER DISSIPATION vs.
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
FORWARD CURRENT vs.
Forward Voltage VF (V)
COLLECTOR CURRENT vs.
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
Collector to Emitter Voltage VCE (V)
COLLECTOR TO EMITTER DARK
Ambient Temperature TA (˚C)
IF = 0.5 mA
1 mA
5 mA
2 mA
3 mA
CTR = 1 068 %
2 290 %
4 360 %
VCEO = 300 V
AMBIENT TEMPERATURE
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
FORWARD VOLTAGE
COLLECTOR SATURATION VOLTAGE
CURRENT vs. AMBIENT TEMPERATURE


Similar Part No. - PS2534L-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
California Eastern Labs
PS2532-1-A CEL-PS2532-1-A Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2532-1-V NEC-PS2532-1-V Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results

Similar Description - PS2534L-1-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com