Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2521L-1-F4 Datasheet(PDF) 1 Page - NEC

Part # PS2521L-1-F4
Description  LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2521L-1-F4 Datasheet(HTML) 1 Page - NEC

  PS2521L-1-F4 Datasheet HTML 1Page - NEC PS2521L-1-F4 Datasheet HTML 2Page - NEC PS2521L-1-F4 Datasheet HTML 3Page - NEC PS2521L-1-F4 Datasheet HTML 4Page - NEC PS2521L-1-F4 Datasheet HTML 5Page - NEC PS2521L-1-F4 Datasheet HTML 6Page - NEC PS2521L-1-F4 Datasheet HTML 7Page - NEC PS2521L-1-F4 Datasheet HTML 8Page - NEC PS2521L-1-F4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
The information in this document is subject to change without notice.
Document No. P11432EJ3V0DS00 (3rd edition)
Date Published December 1997 NS CP(K)
Printed in Japan
PHOTOCOUPLER
PS2521-1,-2,-4,PS2521L-1,-2,-4
LARGE FORWARD INPUT TYPE
HIGH ISOLATION VOLTAGE
MULTI PHOTOCOUPLER SIRIES
©
1993
−NEPOCTM Series−
The mark
• shows major revised points.
DESCRIPTION
The PS2521-1, -2, -4 and PS2521L-1, -2, -4 are optically coupled isolators containing a GaAs light emitting diode
and an NPN silicon phototransistor.
The PS2521-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2521L-1, -2, -4 are lead bending type
(Gull-wing) for surface mount.
FEATURES
• Large forward input current (IF = 150 mA)
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product: PS2521L-1-E3, E4, F3, F4, PS2521L-2-E3, E4
• UL approved: File No. E72422 (S)
APPLICATIONS
• Exchange equipment
• FAX/MODEM
• LCR adapter


Similar Part No. - PS2521L-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2521L-1-F4 CEL-PS2521L-1-F4 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521L-1-F4 CEL-PS2521L-1-F4 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521L-1-F4-A CEL-PS2521L-1-F4-A Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521L-1-F4-A CEL-PS2521L-1-F4-A Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2521L-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
   LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
   LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com