Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-45171 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-45171
Description  2-8 GHz Medium Power Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-45171 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-97
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =9 V, IDS = 250 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
1.0
.91
-83
14.5
5.30
122
-26.7
.046
46
.37
-46
2.0
.83
-137
10.8
3.45
83
-26.4
.048
19
.26
-91
3.0
.83
-167
7.4
2.34
54
-26.0
.050
5
.31
-131
4.0
.86
174
4.4
1.66
32
-25.5
.053
2
.43
-155
5.0
.86
162
2.1
1.28
12
-25.1
.055
0
.52
-167
6.0
.85
152
0.7
1.09
-3
-24.7
.058
-2
.56
-176
7.0
.84
138
0.1
1.01
-22
-24.4
.060
-6
.59
173
8.0
.84
124
-0.9
.90
-40
-23.8
.064
-13
.62
154
9.0
.85
114
-2.5
.75
-59
-23.4
.068
-19
.66
135
10.0
.85
106
-4.3
.61
-70
-22.5
.075
-25
.71
123
11.0
.85
100
-5.2
.55
-81
-21.6
.083
-30
.76
119
12.0
.83
95
-6.2
.49
-90
-20.8
.091
-39
.79
111
13.0
.80
76
-6.7
.46
-107
-19.3
.109
-50
.81
98
14.0
.77
59
-8.0
.40
-125
-18.9
.113
-61
.83
78
A model for this device is available in the DEVICE MODELS section.
.08
2.0
.02
.50
.24
6.0
.003
± .002
.08
± .05
.070
1.78
.034
.86
.05
1.3
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
1
3
4
2
SOURCE
SOURCE
DRAIN
GATE
.26
6.7
.015
.381
.270 MIN
6.86 MIN
70 mil Flange Package Dimensions
Package marking code is 451


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-441012-8 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-451012-8 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-461012-10 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-461712-10 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn