Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-45171 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part No. ATF-45171
Description  2-8 GHz Medium Power Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-45171 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-96
ATF-45171 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VDS
Drain-Source Voltage
V
+14
VGS
Gate-Source Voltage
V
-7
VGD
Gate-Drain Voltage
V
-16
IDS
Drain Current
mA
IDSS
PT
Power Dissipation [2,3]
W
3.6
TCH
Channel Temperature
°C
175
TSTG
Storage Temperature
°C
-65to+175
Thermal Resistance:
θ
jc = 42°C/W; TCH = 150°C
Liquid Crystal Measurement:
1
µmSpotSize[4]
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE TEMPERATURE = 25°C.
3. Derate at 24 mW/
°C for
TCASE > 24°C.
4. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
MEASUREMENTS section for
more information.
ATF-45171 Typical Performance, T
A = 25°C
FREQUENCY (GHz)
Figure 1. Power Output @ 1 dB Gain
Compression and 1 dB Compressed
Gain vs. Frequency.
VDS = 9V, IDS = 250 mA.
Figure 3. Insertion Power Gain,
Maximum Available Gain and
Maximum Stable Gain vs. Frequency.
VDS = 9 V, IDS = 250 mA.
FREQUENCY (GHz)
20
15
10
5
0
30
29
28
27
26
2.0
6.0
4.0
8.0 10.0 12.0
P1 dB
G1 dB
|S21|2
MSG
MSG
MAG
1.0
2.0
4.0
6.0
14.0
10.0
25
20
15
10
5
0
Figure 2. Output Power and Power
Added Efficiency vs. Input Power.
VDS = 9 V, IDS = 250 mA, f = 4.0 GHz.
PIN (dBm)
0
5
10
15
20
25
30
35
30
25
20
15
10
5
0
40
30
20
10
0


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-441012-8 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-451012-8 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-461012-10 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-461712-10 GHz Medium Power Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-131002-18 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-132841-16 GHz Low Noise Gallium Arsenide FET 1 2 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn