Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-44101 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF-44101
Description  2-8 GHz Medium Power Gallium Arsenide FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-44101 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF-44101 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-44101 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-44101 Datasheet HTML 3Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-91
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =9 V, IDS = 500 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
1.0
.88
-125
13.4
4.69
104
-28.2
.039
31
.29
-154
2.0
.87
-161
8.1
2.53
74
-26.7
.046
21
.38
-164
3.0
.87
-178
4.8
1.73
54
-26.7
.046
22
.44
-167
4.0
.87
168
2.5
1.34
35
-25.7
.052
17
.47
-175
5.0
.88
153
0.8
1.10
16
-25.5
.053
13
.49
175
6.0
.88
136
-0.8
.91
-5
-23.6
.066
0
.52
160
7.0
.89
122
-2.5
.75
-25
-23.4
.068
-7
.56
144
8.0
.89
114
-4.2
.62
-39
-22.7
.073
-13
.62
132
9.0
.88
109
-5.5
.53
-52
-22.2
.078
-18
.68
124
10.0
.86
103
-6.7
.46
-64
-20.9
.090
-24
.72
118
11.0
.81
91
-6.9
.45
-78
-19.3
.108
-33
.73
112
12.0
.77
74
-7.5
.42
-95
-17.2
.138
-49
.73
101
A model for this device is available in the DEVICE MODELS section.
100 mil Flange Dimensions
Notes:
(unless otherwise specified)
1. Dimensions are in
2. Tolerances
in .xxx =
± 0.005
mm .xx =
± 0.13
mm
1
3
R, TYP
4
2
SOURCE
SOURCE
DRAIN
GATE
.12
3.0
.100
2.54
.300 min
.03
0.8
.06
1.6
.044
1.12
.265
6.73
.062 DIA.
1.57 (2) PLCS
.05
1.3
0.025
± 0.003 mils
0.64
± 0.08 mm
.42
10.7
.004
± .002
.10
± .05
Package marking code is 441


Similar Part No. - ATF-44101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-45101 HP-ATF-45101 Datasheet
44Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-45171 HP-ATF-45171 Datasheet
43Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-46101 HP-ATF-46101 Datasheet
44Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
ATF-46171 HP-ATF-46171 Datasheet
43Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
More results

Similar Description - ATF-44101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-45101 HP-ATF-45101 Datasheet
44Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-45171 HP-ATF-45171 Datasheet
43Kb / 3P
   2-8 GHz Medium Power Gallium Arsenide FET
ATF-46101 HP-ATF-46101 Datasheet
44Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
ATF-46171 HP-ATF-46171 Datasheet
43Kb / 3P
   2-10 GHz Medium Power Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-13336 HP-ATF-13336 Datasheet
46Kb / 3P
   2-16 GHz Low Noise Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-13736 HP-ATF-13736 Datasheet
49Kb / 4P
   2-16 GHz Low Noise Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com