Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ATF-26884 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. ATF-26884
Description  2-16 GHz General Purpose Gallium Arsenide FET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ATF-26884 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-73
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =3 V, IDS = 10 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
2.0
.96
-36
6.9
2.21
142
-26.6
.047
64
.81
-25
3.0
.91
-56
7.4
2.35
123
-23.0
.071
50
.77
-38
4.0
.86
-78
7.6
2.39
103
-20.6
.093
36
.70
-50
5.0
.79
-97
7.2
2.30
86
-19.5
.106
25
.66
-61
6.0
.73
-113
6.8
2.20
71
-18.9
.114
16
.62
-70
7.0
.67
-127
6.4
2.10
56
-18.4
.120
9
.61
-78
8.0
.62
-144
6.4
2.08
41
-17.9
.128
1
.58
-88
9.0
.57
-168
6.2
2.03
23
-17.5
.134
-8
.54
-101
10.0
.53
168
5.8
1.96
6
-17.3
.136
-16
.47
-116
11.0
.52
147
5.2
1.81
-10
-17.2
.138
-22
.41
-133
12.0
.49
124
4.9
1.76
-22
-17.1
.140
-26
.39
-143
13.0
.52
103
4.6
1.70
-36
-16.7
.146
-31
.37
-154
14.0
.56
80
4.0
1.58
-54
-16.3
.153
-37
.35
-171
15.0
.60
65
3.3
1.46
-72
-16.3
.153
-42
.35
173
16.0
.65
52
2.9
1.40
-83
-16.3
.153
-48
.37
132
17.0
.68
40
2.3
1.30
-99
-16.0
.158
-56
.41
101
18.0
.69
30
1.3
1.16
-112
-15.9
.159
-72
.47
87
Typical Scattering Parameters, Common Emitter, Z
O = 50 Ω, TA =25°C, VDS =5 V, IDS = 30 mA
Freq.
S11
S21
S12
S22
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
2.0
.94
-41
9.2
2.88
138
-30.8
.029
65
.84
-23
3.0
.87
-65
9.5
2.97
118
-27.3
.043
51
.80
-34
4.0
.79
-89
9.3
2.93
97
-25.5
.053
40
.74
-44
5.0
.71
-109
8.7
2.73
79
-24.9
.057
35
.71
-53
6.0
.64
-126
8.1
2.54
64
-24.4
.060
33
.69
-60
7.0
.57
-142
7.5
2.38
50
-24.0
.063
31
.69
-67
8.0
.52
-162
7.2
2.30
35
-23.1
.070
30
.69
-76
9.0
.48
174
6.9
2.21
18
-21.9
.080
28
.67
-87
10.0
.48
149
6.5
2.11
1
-20.4
.095
24
.63
-100
11.0
.48
130
5.9
1.97
-14
-19.7
.104
22
.57
-114
12.0
.49
108
5.6
1.91
-25
-18.1
.125
20
.55
-122
13.0
.53
88
5.2
1.82
-39
-16.2
.155
18
.54
-132
14.0
.57
69
4.7
1.71
-55
-15.2
.173
5
.52
-146
15.0
.62
56
4.1
1.60
-75
-14.8
.182
-1
.52
-165
16.0
.70
44
3.7
1.53
-87
-13.8
.205
-16
.52
165
17.0
.75
33
3.0
1.41
-103
-12.9
.226
-28
.54
135
18.0
.74
24
2.3
1.30
-117
-13.6
.210
-44
.63
114
A model for this device is available in the DEVICE MODELS section.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATF-268362-16 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-211860.5-6 GHz General Purpose Gallium Arsenide FET 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ATF-255700.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-257350.5-10 GHz General Purpose Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-133362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)
ATF-137362-16 GHz Low Noise Gallium Arsenide FET 1 2 3 4 Agilent(Hewlett-Packard)
ATF-102360.5-12 GHz Low Noise Gallium Arsenide FET 1 2 3 Agilent(Hewlett-Packard)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn